Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN2540 Datasheet(PDF) 4 Page - Supertex, Inc

Part # TN2540
Description  N-Channel Enhancement-Mode Vertical DMOS FET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TN2540 Datasheet(HTML) 4 Page - Supertex, Inc

  TN2540_13 Datasheet HTML 1Page - Supertex, Inc TN2540_13 Datasheet HTML 2Page - Supertex, Inc TN2540_13 Datasheet HTML 3Page - Supertex, Inc TN2540_13 Datasheet HTML 4Page - Supertex, Inc TN2540_13 Datasheet HTML 5Page - Supertex, Inc TN2540_13 Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Supertex inc.
www.supertex.com
Doc.# DSFP-TN2540
A062113
TN2540
Typical Performance Curves (cont.)
Gate Drive Dynamic Characteristics
Q
G (nanocoulombs)
T
j (
O
C)
V
(th) and RDS Variation with Temperature
On-Resistance vs. Drain Current
I
D (amperes)
BV
DSS Variation with Temperature
T
j (
O
C)
Transfer Characteristics
V
GS (volts)
Capacitance vs. Drain-to-Source Voltage
200
150
100
50
0
V
DS (volts)
0
10
20
30
40
0
2
4
6
8
10
1.5
1.2
0.9
0.6
0.3
0
-50
0
50
100
150
1.1
1.0
0.9
50
40
30
20
10
0
1.4
1.2
1.0
0.8
0.6
2.5
2.0
1.5
1.0
0.5
0
10
8
6
4
2
0
0
0.4
0.8
1.2
1.6
2.0
V
DS = 40V
V
DS = 10V
95pF
V
GS = 4.5V
V
GS = 10V
T
A = -55
O
C
V
DS = 25
O
C
25OC
0
0.4
0.8
1.2
1.6
2.0
f = 1MHz
C
ISS
C
OSS
C
RSS
260pF
V
(th) @ 1mA
R
DS(ON) @ 10V, 0.5A
125OC
-50
0
50
100
150



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com