Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN2425 Datasheet(PDF) 1 Page - Supertex, Inc

Part # TN2425
Description  N-Channel Enhancement-Mode Vertical DMOS FET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TN2425 Datasheet(HTML) 1 Page - Supertex, Inc

  TN2425_13 Datasheet HTML 1Page - Supertex, Inc TN2425_13 Datasheet HTML 2Page - Supertex, Inc TN2425_13 Datasheet HTML 3Page - Supertex, Inc TN2425_13 Datasheet HTML 4Page - Supertex, Inc TN2425_13 Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Supertex inc.
Supertex inc.
www.supertex.com
Doc.# DSFP-TN2425
B080913
TN2425
TN4CW
W = Code for Week Sealed
= “Green” Packaging
Features
► Low threshold
► High input impedance
► Low input capacitance
► Fast switching speeds
► Low on-resistance
► Free from secondary breakdown
► Low input and output leakage
Applications
► Logic level interfaces – ideal for TTL and CMOS
► Solid state relays
► Battery operated systems
► Photo voltaic drives
► Analog switches
► General purpose line drivers
► Telecom switches
General Description
This low threshold, enhancement-mode (normally-off)
transistor utilizes a vertical DMOS structure and Supertex’s
well-proven, silicon-gate manufacturing process. This
combination produces a device with the power handling
capabilities of bipolar transistors and with the high input
impedance and positive temperature coefficient inherent
in MOS devices. Characteristic of all MOS structures, this
device is free from thermal runaway and thermally-induced
secondary breakdown.
Supertex’s vertical DMOS FETs are ideally suited to a
wide range of switching and amplifying applications where
very low threshold voltage, high breakdown voltage, high
input impedance, low input capacitance, and fast switching
speeds are desired.
N-Channel Enhancement-Mode
Vertical DMOS FET
Absolute Maximum Ratings
Parameter
Value
Drain-to-source voltage
BV
DSS
Drain-to-gate voltage
BV
DGS
Gate-to-source voltage
±20V
Operating and storage temperature
-55OC to +150OC
Absolute Maximum Ratings are those values beyond which damage to the device may
occur. Functional operation under these conditions is not implied. Continuous operation
of the device at the absolute rating level may affect device reliability. All voltages are
referenced to device ground.
Product Marking
TO-243AA (SOT-89)
Package may or may not include the following marks: Si or
Pin Configuration
TO-243AA (SOT-89)
GATE
SOURCE
DRAIN
DRAIN
Product Summary
BV
DSS/BVDGS
R
DS(ON)
(max)
I
DSS
(min)
25V
3.58Ω
1.5A
Typical Thermal Resistance
Package
θ
ja
TO-243AA (SOT-89)
133OC/W
Ordering Information
Part Number
Package Option
Packing
TN2425N8-G
TO-243AA (SOT-89)
2000/Reel
-G denotes a lead (Pb)-free / RoHS compliant package.
Contact factory for Wafer / Die availablity.
Devices in Wafer / Die form are lead (Pb)-free / RoHS compliant.


Similar Part No. - TN2425_13

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
TN2425N8 SUTEX-TN2425N8 Datasheet
447Kb / 4P
N-Channel Enhancement-Mode Vertical DMOS FETs
logo
Microchip Technology
TN2425N8-G MICROCHIP-TN2425N8-G Datasheet
768Kb / 14P
N-Channel Enhancement-Mode Vertical DMOS FET
02/28/20
logo
Supertex, Inc
TN2425ND SUTEX-TN2425ND Datasheet
447Kb / 4P
N-Channel Enhancement-Mode Vertical DMOS FETs
TN2425TG SUTEX-TN2425TG Datasheet
412Kb / 5P
Low Threshold Dual N-Channel Enhancement-Mode
TN2425 SUTEX-TN2425_06 Datasheet
435Kb / 5P
Low Threshold N-Channel Enhancement-Mode Vertical DMOS FET
More results

Similar Description - TN2425_13

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BSS123 ZETEX-BSS123 Datasheet
45Kb / 1P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
VN10LP ZETEX-VN10LP Datasheet
22Kb / 1P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN0540A ZETEX-ZVN0540A Datasheet
26Kb / 1P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN1409A ZETEX-ZVN1409A Datasheet
49Kb / 3P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN2106G ZETEX-ZVN2106G Datasheet
30Kb / 2P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN2110A ZETEX-ZVN2110A Datasheet
87Kb / 3P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN4106F ZETEX-ZVN4106F Datasheet
41Kb / 2P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN4210A ZETEX-ZVN4210A Datasheet
37Kb / 2P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVNL110A ZETEX-ZVNL110A Datasheet
22Kb / 1P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
VN2222LL ZETEX-VN2222LL Datasheet
18Kb / 1P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com