Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN2425 Datasheet(PDF) 3 Page - Supertex, Inc

Part # TN2425
Description  N-Channel Enhancement-Mode Vertical DMOS FET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TN2425 Datasheet(HTML) 3 Page - Supertex, Inc

  TN2425 Datasheet HTML 1Page - Supertex, Inc TN2425 Datasheet HTML 2Page - Supertex, Inc TN2425 Datasheet HTML 3Page - Supertex, Inc TN2425 Datasheet HTML 4Page - Supertex, Inc TN2425 Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Supertex inc.
www.supertex.com
Doc.# DSFP-TN2425
B080913
TN2425
Typical Performance Curves
0.0
0.5
1.0
1.5
2.0
0.0
0.2
0.4
0.6
0.8
1.0
V
DS (Volts)
V
GS = 10V
Output Characteristics
6V
5V
4V
3V
2.5V
Saturation Characteristics
V
DS (Volts)
VGS = 10V
8V
6V
4V
3V
2.5V
I
D (Amperes)
Transconductance vs. Drain Current
Power Dissipation vs. Ambient Temperature
T
A (
O
C)
Maximum Rated Safe Operating Area
V
DS (Volts)
Thermal Response Characteristics
t
p (seconds)
0
10
20
30
40
50
0
1
2
3
4
5
8V
0
2
4
6
8
10
0.0
0.5
1.0
1.5
2.0
2.5
3.0
5V
0
25
50
75
100
125
150
0.0
0.5
1.0
1.5
2.0
1
1000
100
10
10
1.0
0.1
0.01
0.001
TO-243AA (DC)
TO-243AA (pulsed)
1.0
0.8
0.6
0.4
0.2
0.001
10
0.01
0.1
1.0
TO-243AA
P
D = 1.6W
T
C = 25
O
C
0
V
DS =15V
T
A =125
O
C
T
A =25
O
C
T
A =-55
O
C
TO-243AA
T
A =25
O
C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com