Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM455HTW Datasheet(PDF) 4 Page - Shoulder Electronics Limited.

Part # LTM455HTW
Description  CENTER FREQUENCY SHALL BE DEFIED AS THE CENTRAL VALUE OF THE BAND WITH AT 6 dB
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

LTM455HTW Datasheet(HTML) 4 Page - Shoulder Electronics Limited.

  LTM455HTW Datasheet HTML 1Page - Shoulder Electronics Limited. LTM455HTW Datasheet HTML 2Page - Shoulder Electronics Limited. LTM455HTW Datasheet HTML 3Page - Shoulder Electronics Limited. LTM455HTW Datasheet HTML 4Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SPECIFICATIONS IN TABLE 1.
6-3
LOW TEMPERATURE EXPOSURE
SUBJECT THE
FILTER TO -20℃ FOR 96 HOURS.
THEN RELEASE THE
FILTER INTO THE ROOM CONDITIONS FOR 2 HOURS PRIOR
TO THE
MEASUREMENT.
IT SHALL
FULFILL
THE SPECIFICATIONS IN
TABLE 1.
6-4
TEMPERATURE CYCLING
SUBJECT
THE
FILTER
TO A LOW TEMPERATURE OF -20℃ FOR 30
MINUTES. FOLLOWSING BY A HIGH TEMPERATURE
OF +80℃ FOR 30
MINUTES. THEN RELEASE THE FILTER INTOTHE ROOM
CONDITIONS
FOR
2 HOURS PRIOR TO THE MESUREMENT. IT SHALL MEET THE
SPECIFICATIONS IN TABLE 1.
6-5
RESISTANCE
TO SOLDER HEAT
DIP THE FILTER TERMINALS NO
CLOSER
THAN
1.5mm
INTO THE
SOLDER BATH AT 260℃ ±10℃ FOR 10±1 SEC. THEN RELEASE THE
FILTER
INTO
THE
ROOM
CONDITIONS
FOR 2 HOURS. THE
FILTER SHALL MEET THE SPECIFICATIONS IN TABLE 1.
6-6
MECHANICAL SHOCK
DROP THE FILTER RANDOMLY ONTO THE
CONCRETE FLOOR FROM
THE
HEIGHT OF 30cm 3
TIMES.THE FILTER
SHALL FULFILL
THE
SPECIFICATIONS IN TABLE 1.
6-7
VIBRATION
SUBJECT THE FILTER TO THE
VIBRATION FOR 1 HOUR EACH IN X,Y
AND
Z AXES WITH THE
AMPLITUDE OF 1.5 mm AT 10 TO 55 Hz. THE
FILTER
SHALL
FULFILLTHE SPECIFICATIONS IN TABLE 1.
6-8
LEAD FATIGUE
6-8-1
PULLING TEST
WEIGHT
ALONG WITH THE DIRECTION OF LEAD WITHOUT AN
SHOCK 3 KG.
THE
FILTER SHALL SATISFY ALL THE INITIALL
CHARACTERISTICS.
6-8-2
BENDING TEST
LEAD
SHALL BE SUBJECT TO
WITHSTAND
AGAINST
90°
BENDING IN THE DERECTION OF THICKNESS. THIS OPERATION
SHALL BE
DONE
TOWARD
BOTH
DIRECTION. THE FILTER
SHALL SHOW NO EVIDENCE OF DAMAGE AND SHALL SATISFY
ALL THE INITIAL ELECTRICAL CHARACTERISTICS.
TABLE 1
ITEM
SPECIFICATION
CENTRE FREQUENCY(f。)
455
±1.0 KHz
BAND WIDTH(6 dB)
±3.0 KHz Min
SELECTIVITY(40dB)
±9.0 KHz Max
STOP BAND ATTENUATION
60.0 dB Min
RIPPLE
2.0 dB Max
INSERTION LOSS
6.0 dB Max
Http://www.shoulder.cn
SHOULDER ELECTRONICS LIMITED
Page: 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com