Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE201610P-R33M Datasheet(PDF) 1 Page - TOKO, Inc

Part # DFE201610P-R33M
Description  Metal Alloy Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

DFE201610P-R33M Datasheet(HTML) 1 Page - TOKO, Inc

  DFE201610P-R33M Datasheet HTML 1Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DFE201610P
Inductance Range: 0.24~2.2
H
(Unit: mm)
(Unit: mm)
FEATURES
特長
 Miniature size: 2016 footprint (2.0mm×1.6mm) and low
profile(1.0mm Max. height)
 The use of magnetic iron powder ensure capability for
large current.
 The use of Flat wire for Low DC resistance.
 Optimization of Electrode for More Low DC resistance.
 Magnetically shielded, low audible core noise.
 Reflow solderable.
 Operating temperature : -40~+125°C
 小型薄型構造 (2.0x1.6mm角、高さ1.0mm Max.)
 磁性材に鉄系磁性粉を用いた大電流対応
 平角線採用による低直流抵抗
 電極構造最適化による、更なる低直流抵抗
 閉磁路構造、低コア鳴きノイズ
 リフロはんだ対応
 動作温度範囲:-40~+125°C
STANDARD PART NUMBERS
標準品一覧
TYPE DFE201610P (Quantity/reel; 3,000 PCS)
品番
インダクタンス
(1)
許容差
測定周波数
直流抵抗
(2)
直流重畳許容電流
(3)
温度上昇許容電流
(4)
Part
Number
Inductance
(1)
(
H)
Tolerance
(%)
Test
Frequency
(MHz)
DC
Resistance
(2)
(m
) Max. (Typ.)
Inductance
Decrease Current
(3)
(A) Max. (Typ.)
=30%
Temperature
Rise Current
(4)
T=40C
(A) Max. (Typ.)
DFE201610P-R24M=P2
0.24
20
1
26 (20)
5.4 (6.0)
3.8 (4.5)
DFE201610P-R33M=P2
0.33
20
1
34 (26)
4.7 (5.2)
3.5 (4.0)
DFE201610P-R47M=P2
0.47
20
1
40 (32)
4.0 (4.5)
3.1 (3.6)
DFE201610P-R68M=P2
0.68
20
1
48 (40)
3.6 (4.0)
2.7 (3.2)
DFE201610P-1R0M=P2
1.0
20
1
70 (58)
3.1 (3.4)
2.2 (2.6)
DFE201610P-1R5M=P2
1.5
20
1
110 (92)
2.5 (2.8)
1.8 (2.1)
DFE201610P-2R2M=P2
2.2
20
1
168 (140)
2.0 (2.2)
1.4 (1.6)
(1) Inductance is measured with a LCR meter 4284A (Agilent
Technologies) or equivalent. Test frequency at 1MHz
(2) DC resistance is measured with 34420A (Agilent Technologies) or
3541(HIOKI). (Reference ambient temperature 20°C)
(3) Inductance Decrease Current based upon 30% inductance
reduction from the initial value
(4) Temperature Rise Current based upon 40°C temperature rise.
(Reference ambient temperature 20°C)
(1) インダクタンスはLCRメータ4284A (Agilent Technologies)また
は同等品により測定する。測定周波数は1MHz。
(2) 直流抵抗は測定器34420A(Agilent Technologies)または3541
(HIOKI)と同等品により測定する。(周囲温度20°C)
(3) 直流重畳許容電流:直流重畳電流を流した時インダクタンスの値
が初期値より30%減少する直流電流値
(4) 温度上昇許容電流:コイルの温度が40°C上昇する値
(周囲温度20°Cを基準とする。)
Recommended patterns
推奨パターン図
Metal Alloy Inductors
メタルアロイ
®インダクタ
L
L


Similar Part No. - DFE201610P-R33M

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DFE201610P-R33M MURATA-DFE201610P-R33M Datasheet
982Kb / 2P
Inductor
DFE201610P-R33M MURATA-DFE201610P-R33M Datasheet
2Mb / 2P
Rated current (Isat) is specified when the decrease of the initial inductance value at 30%
DFE201610P-R33M# MURATA-DFE201610P-R33M# Datasheet
2Mb / 2P
Rated current (Isat) is specified when the decrease of the initial inductance value at 30%
DFE201610P-R33M MURATA-DFE201610P-R33M_18 Datasheet
2Mb / 2P
Rated current (Isat) is specified when the decrease of the initial inductance value at 30%
More results

Similar Description - DFE201610P-R33M

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
DFE201612C TOKO-DFE201612C Datasheet
76Kb / 1P
Metal Alloy Inductors
DFE252010P TOKO-DFE252010P Datasheet
186Kb / 1P
Metal Alloy Inductors
FCUL1040 TOKO-FCUL1040 Datasheet
106Kb / 1P
Metal Alloy Inductors
FDSD0312 TOKO-FDSD0312 Datasheet
105Kb / 1P
Metal Alloy Inductors
FDSD0630 TOKO-FDSD0630 Datasheet
106Kb / 1P
Metal Alloy Inductors
FDU1040D TOKO-FDU1040D Datasheet
117Kb / 1P
Metal Alloy Inductors
FDSD0512 TOKO-FDSD0512_16 Datasheet
263Kb / 1P
Metal Alloy Inductors
FDA1254 TOKO-FDA1254_16 Datasheet
236Kb / 1P
Metal Alloy Inductors
FCUL0624 TOKO-FCUL0624_16 Datasheet
237Kb / 1P
Metal Alloy Inductors
FDVE0630 TOKO-FDVE0630_16 Datasheet
264Kb / 1P
Metal Alloy Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com