Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WT7513 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # WT7513
Description  provides protection circuits, power good output(PGO)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

WT7513 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  WT7513 Datasheet HTML 1Page - List of Unclassifed Manufacturers WT7513 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
WT7513
Weltrend Semiconductor, Inc.
Page 2
WT7513-N142WT
ORDERING INFORMATION
Device
Package
WT7513-N140WT
DIP-14
WT7513-N141WT
DIP-14
WT7513-N142WT
DIP-14
PIN DESCRIPTION
Pin Name
TYPE
Description
PGI
I
Power good input signal pin
GND
P
Ground
FPOB
O
Fault protection output pin, open drain output
PSONB
I
On/Off switch input
IS12
I
12V over current protection sense input
RI
I
Current sense adjust input
VCC2
I
Current sense power supply
IS5
I
5V over current protection sense input
IS33
I
3.3V over current protection sense input
VS12
I
12V over voltage detect input pin
VS33
I
3.3V over voltage/under voltage input pin
VS5
I
5V over voltage/under voltage input pin
VCC
I
Power supply
PGO
O
Power good output signal pin, open drain output



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com