Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT22ERG Datasheet(PDF) 2 Page - Copal Electronics

Part # PT22ERG
Description  POLYGON LASER SCANNERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PT22ERG Datasheet(HTML) 2 Page - Copal Electronics

  PT22ERG Datasheet HTML 1Page - Copal Electronics PT22ERG Datasheet HTML 2Page - Copal Electronics PT22ERG Datasheet HTML 3Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
QUICK REFERENCE TABLE
POLYGON LASER SCANNERS
PD60LA
PT60SRG
PT22ERG
PTC30ERG
Ball bearing
Air bearing
Air bearing
Air bearing
6 ×
φ 65×12
18 ×
φ 65×46×φ 26×38×φ 40×2
λ/ 5
λ/ 4
85 % minimum
λ= 632.8 nm
85 % minimum
λ= 632.8 nm
85 % minimum
λ= 780 nm
85 % minimum
λ= 780 nm
1500 ~ 5000
27000
20000 ~ 50000
20000 ~ 60000
24 ~ 28
20 / 10
80 / 40
90 / 60
90 / 60
0.018 / 0.01
3.0
0.7
30
PD60SRB
Ball bearing
16 ×
φ 84×9
λ/ 4
85 % minimum
λ= 780 nm
15000
60 / 30
0.03 / 0.015
2.0
1.0
30
4.0
2.0
30
2.0
1.0
6.0
2.0
1.0
10
0.02 / 0.01
0.03 / 0.02
24
0.03 / 0.02



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com