Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PZ-200 Datasheet(PDF) 2 Page - Copal Electronics

Part # PZ-200
Description  PRESSURE INDICATORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PZ-200 Datasheet(HTML) 2 Page - Copal Electronics

  PZ-200_16 Datasheet HTML 1Page - Copal Electronics PZ-200_16 Datasheet HTML 2Page - Copal Electronics PZ-200_16 Datasheet HTML 3Page - Copal Electronics PZ-200_16 Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Operating temp. range
Compensated temp. range
Operating humidity
Storage temp.
Net weight
Power
Input signal
Input impedance
Internal resistance
Maximum input voltage
Maximum input current
Model number
Item
PZ-200
■ STANDARD SPECIFICATIONS
0 ~ 50
0 ~ 50
35 ~ 85(No condensation)
− 20 ~ 70(Atmospheric pressure, humidity 65 %RH maximum)
Approx. 150
Power:12 ~ 24 V DC
± 10 %
Consumption current:80 mA maximum
1 ~ 5 V/4 ~ 20 mA(Internal switch provided)
Approx. 120(1 ~ 5 V Input setting)
51
(4 ~ 20 mA Input setting)
30
70
Thermal error
Decimal point location
Polarity change
Over-range indication
Resolution
Zero point variable range
Full scale variable range
Number of setting points
Switching capacity
Residual voltage
Output status
Setting method
Pressure setting range
Response
No. of digits
Display element
Rated display range
Display cycle
Display accuracy
Analog output
Zero point indication
Full scale indication
± 3 counts/10 °C
± 3 counts/10 °C
102、101、100(Selected by a panel switch)
Negative “
−” indication (actuated by panel switch)
“ 1*** ” when the numder exceeds
± 1999 ( * : OFF)
1 count
± 200 counts
± 200 ~ 1000 counts
1(LL)、2(L)、3(H)、4(HH) (4 output)
30 V DC、100 mA(NPN open collector)
1.2 V DC(at 100 mA of inflow currrent)
3 modes (Refer to pressure switch output function)
By setting VR
0 ~ 1000
Approx. 100 ms
Current output: 4 ~ 20 mA, Accuracy:
± 0.5 %F.S. (at 25 ± 5 °C), Load: 250
Ω maximum
3 1/2
Approx. 4 times/s
± 0.1 % Reading ± 2 counts(After calibration)
LCD
0 ~ 1000
°C
°C
%RH
°C
g
k
Ω
Ω
V
mA
OUnless otherwise specified, the specs are defined at an ambient temperature of 25 ± 5 °C and excitation voltage of 12 V DC.
PZ-200
PRESSURE INDICATORS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com