Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RD_SERIES Datasheet(PDF) 2 Page - Copal Electronics

Part # RD_SERIES
Description  ROTARY CODED SWITCHES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

RD_SERIES Datasheet(HTML) 2 Page - Copal Electronics

  RD_SERIES Datasheet HTML 1Page - Copal Electronics RD_SERIES Datasheet HTML 2Page - Copal Electronics RD_SERIES Datasheet HTML 3Page - Copal Electronics RD_SERIES Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RD
ROTARY CODED SWITCHES
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
■ PART NUMBER DESIGNATION
RD 1 - 1 08 C - R 15
Series name
No. of blocks
1:1 block
Shaft length
15
:15 mm
Shape of shaft
R
:Round type φ3.2 mm
D
:D-cut φ4 mm
No. of circuits
1:1 pole
No. of positions
02
∼ 12:Real code
02
∼ 08:Complementary code
Code format
R
:Real code
C
:Complementary code
※ Shaft length of 10 mm or 20 mm is also available.
■ LIST OF PART NUMBERS
No. of
circuits
Code
No. of positions
02
03
04
05
06
07
08
09
10
11
12
RD1-102R RD1-103R RD1-104R RD1-105R RD1-106R RD1-107R RD1-108R RD1-109R RD1-110R RD1-111R RD1-112R
RD1-102C RD1-103C RD1-104C RD1-105C RD1-106C RD1-107C RD1-108C
1
: Not manufactured
※Verify the above part numbers when placing orders.
※The above part numbers are all available with a round or D-cut shaft.
■ CODE FORMAT
No. of positions
Binary code
Code
Real code
Complemen-
tary code
8
4
2
1
4
2
1
O … Contact closed
Real code
Complementary code
The DIP-TYPE ROTARY CODED SWITCHES RD series listed here are standard versions, but our
production will be made upon receipt of your order.
1
2
3
4
5
6
7
8
9
10
11
12
0
1
2
3
4
5
6
7
8
9
A
B



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com