Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RE12 Datasheet(PDF) 2 Page - Copal Electronics

Part # RE12
Description  OPTICAL ENCODERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

RE12 Datasheet(HTML) 2 Page - Copal Electronics

  RE12 Datasheet HTML 1Page - Copal Electronics RE12 Datasheet HTML 2Page - Copal Electronics RE12 Datasheet HTML 3Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Vibration
Power OFF
Power OFF
Power OFF
Power ON
Power OFF
Power ON
Power OFF
Power OFF
Shock
High temperature
exposure
Low temperature
exposure
Humidity
Thermal shock
Starting
torque
Ball bearing
Sleeve bearing
Inertia
Shaft
loading
Radial
Axial
Net weight
Photo-sensor maximum current
Item
Resolution
Output wave form
Output signal
Output signal
amplitude variation
Light source
■ STANDARD SPECIFICATIONS
50 mA maximum (at 25 °C)
Quasi-sinusoidal
150 mVp-p minimum
100 mVp-p minimum
40 % maximum
50 % maximum
LED
O ELECTRICAL CHARACTERISTICS
O Mechanical characteristics
0.05 mN·m {0.5 gf·cm} maximum
0.4 mN·m {4 gf·cm} maximum
0.01 g·cm
2 maximum
1.96 N {200 gf} maximum
4.9 N {500 gf} maximum
Approx. 10 g
※2
※1
※1 : Measured at CP1 as per the Fig. A of ‘MEASUREMENT CIRCUIT’
on the following page. (3 kHz)
※2 : Measured at CP2 as per the Fig. A of ‘MEASUREMENT CIRCUIT’
on the following page. (3 kHz)
O Output signal level & Amplitude variation
※Output signal level:
Amplitude variation:
Smin ≧ 0.15 V,
(Smax/Smin-1)
× 100 ≦ 40 %
(Smax/Smin-1)
× 100 ≦ 50 %
Smin ≧ 0.10 V
S min S max
100, 200 P/R
100, 200 P/R
300 P/R
300 P/R
Operating temp. range
Storage temp.range
O Environmental characteristics
−10 ~ 50 °C
−20 ~ 80 °C
Protection grade
IP40
Test item
■ RELIABILITY TEST
The output shall satisfy the criteria below after the following tests.
Test conditions
Amplitude : 1.52 mm or 98.1 m/s
2 (10 G) whichever is smaller.
10 ~ 500 Hz excursion 5 min/cycle, 1 hour each for X, Y, Z, directions.
1 time each in 6 directions (X, Y, Z) at 490 m/s
2 (50 G), 11 ms.
80 °C 96 h
(To be measured after leaving samples for 1 h at normal temperature and
humidity after the test.)
50 °C 96 h
− 20 °C 96 h
− 10 °C 96 h
40 °C Relative humidity 90 ∼ 95 % 96 h
(To be measured after wiping out moisture and leaving samples for 1 h at normal temperature and humidity after the test.)
To be done 10 cycles with the following condition
(To be measured after leaving samples for 1 h at normal temperature and humidity after the test.)
80 °C 1 h、
− 20 °C 1 h
O Criteria
Output signal level
Amplitude variation
S min
≧ 0.13 V
(S max / S min – 1)
× 100 ≦ 45 %
300 P/R
Measurement point
S min
≧ 0.08 V
(S max / S min – 1)
× 100 ≦ 55 %
CP1 in ‘MEASUREMENT CIRCUIT’
CP2 in ‘MEASUREMENT CIRCUIT’
RE12
OPTICAL ENCODERS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com