Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RES Datasheet(PDF) 2 Page - Copal Electronics

Part # RES
Description  MANUAL SETTING TYPE OPTICAL ENCODERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

RES Datasheet(HTML) 2 Page - Copal Electronics

  RES Datasheet HTML 1Page - Copal Electronics RES Datasheet HTML 2Page - Copal Electronics RES Datasheet HTML 3Page - Copal Electronics RES Datasheet HTML 4Page - Copal Electronics RES Datasheet HTML 5Page - Copal Electronics RES Datasheet HTML 6Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Radial
Axial
Input voltage
Item
Part number
REC20
RES20-Z
RES20
RES20B
REC20C
RES20D
REC20D
RESW20D
RECW20D
Input current
Output wave form
Output phases
(P/R)
Resolution
Phase difference of outputs A & B
Maximum frequency response
Output signal
“1 (High)”
“0 (Low)”
Light source
■ STANDARD SPECIFICATIONS
DC5 V ± 5 %
70
40
50
mA
maximum
Hz
50
Square wave
Saturated wave Pseudosquare wave
A, B
25
50
100
50
100
50
25, 50
90° ± 45°
500
100
+ 4.0 V
minimum
+ 1.0 V
maximum
500
200
+ 4.5 V minimum
2 Vp-p
minimum
1 Vp-p
minimum
+ 0.5 V maximum
LED
O Electrical characteristics
O Mechanical characteristics
0 ~ 50 °C
– 20 ~ 80 °C
IP40
Starting torque
Item
Part number
REC20
RES20-Z
RES20
RES20B
REC20C
RES20D
REC20D
RESW20D
RECW20D
Click torque
Click number
Shaft loading
(When mounting)
Net weight
Strength of tighten screw
19.6
{200} maximum
25
————
50
25, 50
25, 50
————
19.6
{200} maximum
————
————
9.81 ± 4.9
{100 ± 50}
————
————
11.8 ± 4.9
{120 ± 50}
————
4.90
{50} maximum
2.94
{30} maximum
————
————
————
————
2.94
{30} maximum
————
1.18 ± 0.78
{12 ± 8}
————
2.94 ± 1.96
{30 ± 20}
————
9.81 N {1 kgf} maximum
4.9 N {500 gf} maximum
0.98 N·m {10 kgf·cm} maximum
0.49 N·m {5 kgf·cm} maximum
Approx. 25 g
Approx. 20 g Approx. 20 g
Approx. 10 g
2.94 N {300 gf} maximum
4.90 N {500 gf} maximum
O Environmental characteristics
Operating temp. range
Item
Part number
REC20
RES20-Z
RES20
RES20B
REC20C
RES20D
REC20D
RESW20D
RECW20D
Storage temp. range
Protection grade
Note) Manual setting only.
mN·m
{gf·cm}
mN·m
{gf·cm}
REC/RES
OPTICAL ENCODERS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com