Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REC16D Datasheet(PDF) 2 Page - Copal Electronics

Part # REC16D
Description  MANUAL SETTING TYPE OPTICAL ENCODERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

REC16D Datasheet(HTML) 2 Page - Copal Electronics

  REC16D Datasheet HTML 1Page - Copal Electronics REC16D Datasheet HTML 2Page - Copal Electronics REC16D Datasheet HTML 3Page - Copal Electronics REC16D Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Note) Manual setting only.
Note) Don’t rotate shaft, making switch work.
Click torque
Click number
Shaft loading (Pull-push)
Switch
operation force
Travel
Rotational life (Mechanical)
Switching life
Shaft loading
(When mounting)
Radial
Axial
Net weight
Strength of tighten screw
Operating temp. range
Storage temp. range
Protection grade
Input voltage
Input current
Output wave form
Output phases
(P/R)
Resolution
Phase difference of outputs A & B
Maximum frequency response
Output signal
“1 (High)”
“0 (Low)”
Light source
■ STANDARD SPECIFICATIONS
DC5 V ± 5 %
30 mA maximum
Square wave
A, B
25
90° ± 45°
100 Hz
+ 4.5 V minimum
+ 0.5 V maximum
LED
Maximum contact rating
Contact resistance
DC15 V, 20 mA
200 m
maximum
(Initial value)
O Electrical characteristics
O Switch characteristics
O Mechanical characteristics
6.87 mN·m ± 3.43 maximum
(70 ± 35 gf·cm)
〈REC:With click〉
25
49.0 N maximum (5 kgf)
2.94 ± 1.47 N (300 ± 150 gf)
2.55 ± 1.27 N (260 ± 130 gf)
0.3
mm
+ 0.1
− 0.2
0.3
mm
+ 0.3
− 0.2
1 million cycles
1 million cycles
4.90 N maximum (500 gf)
2.94 N maximum (300 gf)
Approx. 10 g
1 N·m {10.2 kgf·cm} maximum
O Environmental characteristics
0 ~ 50 °C
– 20 ~ 80 °C
IP40
■ OUTPUT
Output “A”
Output “B”
a
a, b, c, d
≧ 100
μs
The click spot is located somewhere outputs
A & B are at Lo level.
bc
d
CW
Click spot
REC16D/REC16F
OPTICAL ENCODERS
single shaft
double shaft
single shaft
double shaft



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com