Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2585 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2585
Description  SIMPLE SWITCHER 3A Flyback Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2585 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button LM2585 Datasheet HTML 14Page - National Semiconductor (TI) LM2585 Datasheet HTML 15Page - National Semiconductor (TI) LM2585 Datasheet HTML 16Page - National Semiconductor (TI) LM2585 Datasheet HTML 17Page - National Semiconductor (TI) LM2585 Datasheet HTML 18Page - National Semiconductor (TI) LM2585 Datasheet HTML 19Page - National Semiconductor (TI) LM2585 Datasheet HTML 20Page - National Semiconductor (TI) LM2585 Datasheet HTML 21Page - National Semiconductor (TI) LM2585 Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
Typical Boost Regulator Applications
Figure 33 and Figure 35 through Figure 37 show four typical
boost applications) — one fixed and three using the adjust-
able version of the LM2585. Each drawing contains the part
number(s) and manufacturer(s) for every component. For
the fixed 12V output application, the part numbers and
manufacturers’ names for the inductor are listed in a table in
Figure 34. For applications with different output voltages, re-
fer to the
Switchers Made Simple software.
Figure 34 contains a table of standard inductors, by part number and corresponding manufacturer, for the fixed output regulator
of
Figure 33.
DS012515-51
FIGURE 33. +5V to +12V Boost Regulator
Coilcraft
Pulse
Renco
Schott
Schott (Note 22)
(Note 19)
(Note 20)
(Note 21)
(Note 22)
(Surface Mount)
D03316-153
PE-53898
RL-5471-7
67146510
67146540
Note 19: Coilcraft Inc.
Phone: (800) 322-2645
1102 Silver Lake Road, Cary, IL 60013
Fax: (708) 639-1469
Note 20: Pulse Engineering Inc.
Phone: (619) 674-8100
12220 World Trade Drive, San Diego, CA 92128
Fax: (619) 674-8262
Note 21: Renco Electronics Inc.
Phone (800) 645-5828
60 Jeffryn Blvd. East, Deer Park, NY 11729
Fax: (516) 586-5562
Note 22: Schott Corp.
Phone: (612) 475-1173
1000 Parkers Lane Road, Wayzata, MN 55391
Fax: (612) 475-1786
FIGURE 34. Inductor Selection Table
DS012515-52
FIGURE 35. +12V to +24V Boost Regulator
www.national.com
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com