Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N3821 Datasheet(PDF) 1 Page - InterFET Corporation

Part # 2N3821
Description  N-Channel Silicon Junction Field-Effect Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERFET [InterFET Corporation]
Direct Link  http://www.interfet.com
Logo INTERFET - InterFET Corporation

2N3821 Datasheet(HTML) 1 Page - InterFET Corporation

  2N3821 Datasheet HTML 1Page - InterFET Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
01/99
B-3
2N3821, 2N3822
N-Channel Silicon Junction Field-Effect Transistor
Absolute maximum ratings at TA = 25¡C
Reverse Gate Source & Reverse Gate Drain Voltage
– 50 V
Continuous Forward Gate Current
10 mA
Continuous Device Power Dissipation
300 mW
Power Derating
2mW/°C
TOÐ72 Package
Dimensions in Inches (mm)
Pin Configuration
1 Source, 2 Drain, 3 Gate, 4 Case
At 25°C free air temperature:
2N3821
2N3822
Process NJ32
Static Electrical Characteristics
Min
Max
Min
Max
Unit
Test Conditions
Gate Source Breakdown Voltage
V(BR)GSS
– 50
– 50
V
IG = – 1 µA, VDS = ØV
Gate Reverse Current
IGSS
– 0.1
– 0.1
nA
VGS = – 30V, VDS = ØV
– 0.1
– 0.1
µA
VGS = – 30V, VDS = ØV
TA = 150°C
– 0.5
– 2
V
VDS = 15V, ID = 50 µA
Gate Source Voltage
VGS
– 1
– 4
V
VDS = 15V, ID = 200 µA
VVDS = 15V, ID = 400 µA
Gate Source Cutoff Voltage
VGS(OFF)
– 4
– 6
V
VDS = 15V, ID = 0.5 nA
Drain Saturation Current (Pulsed)
IDSS
0.5
2.5
2
10
mA
VDS = 15V, VGS = ØV
Drain Cutoff Current
ID(OFF)
nA
VDS = 15V, VGS = – 8V
µA
VDS = 15V, VGS = – 8V
TA = 150°C
Dynamic Electrical Characteristics
Drain Source ON Resistance
rds(on)
Ω
VGS = ØV, ID = Ø V
f = 1 kHz
Common Source
gfs
1500 4500 3000 6500
µS
VDS = 15V, VGS = ØV
f = 1 kHz
Forward Transconductance
Common Source
| Yfs |
1500
3000
µS
VDS = 15V, VGS = ØV
f = 100 MHz
Forward Transmittance
Common Source Output Conductance
gos
10
20
µS
VDS = 15V, VGS = ØV
f = 1 kHz
Common Source Input Capacitance
Ciss
66
pF
VDS = 15V, VGS = ØV
f = 1 MHz
Common Source
Crss
22
pF
VDS = 15V, VGS = ØV
f = 1 MHz
Reverse Transfer Capacitance
Equivalent Short Circuit
¯eN
200
200 nV/
√Hz V
DS = 15 V, VGS = Ø V
f = 10 Hz
Input Noise Voltage
Noise Figure
NF
5
5
dB
VDS = 15V, VGS = ØV
f = 10 Hz
RG = 1 MΩ
¥ VHF Amplifiers
¥ Small Signal Amplifiers
1000 N. Shiloh Road, Garland, TX 75042
(972) 487-1287 FAX (972) 276-3375
www.interfet.com
Databook.fxp
1/13/99 2:09 PM
Page B-3


Similar Part No. - 2N3821

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N3821 MICROSEMI-2N3821 Datasheet
54Kb / 2P
TECHNICAL DATA
logo
InterFET Corporation
2N3821 INTERFET-2N3821 Datasheet
92Kb / 1P
N - CHANNEL JFETS GENERAL - PURPOSE DEVICE TYPES
logo
Intersil Corporation
2N3821 INTERSIL-2N3821 Datasheet
4Mb / 122P
P-CHANNEL JFET
logo
Microsemi Corporation
2N3821 MICROSEMI-2N3821 Datasheet
242Kb / 4P
N-CHANNEL J-FET DEPLETION MODE
logo
New Jersey Semi-Conduct...
2N3821 NJSEMI-2N3821 Datasheet
159Kb / 2P
JFETS LOW FREQUENCY, LOW NOISE
More results

Similar Description - 2N3821

ManufacturerPart #DatasheetDescription
logo
InterFET Corporation
J232 INTERFET-J232 Datasheet
92Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
J110 INTERFET-J110 Datasheet
92Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
IF4501 INTERFET-IF4501 Datasheet
91Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
IF1801 INTERFET-IF1801 Datasheet
91Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
U311 INTERFET-U311 Datasheet
89Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
IFN5432 INTERFET-IFN5432 Datasheet
99Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
J112 INTERFET-J112 Datasheet
98Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
J304 INTERFET-J304 Datasheet
100Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
U309 INTERFET-U309 Datasheet
99Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
logo
New Jersey Semi-Conduct...
U311 NJSEMI-U311 Datasheet
92Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com