Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAT802-SC Datasheet(PDF) 1 Page - Seoul Semiconductor

Part # SAT802-SC
Description  SAT802-SC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SAT802-SC Datasheet(HTML) 1 Page - Seoul Semiconductor

  SAT802-SC Datasheet HTML 1Page - Seoul Semiconductor SAT802-SC Datasheet HTML 2Page - Seoul Semiconductor SAT802-SC Datasheet HTML 3Page - Seoul Semiconductor SAT802-SC Datasheet HTML 4Page - Seoul Semiconductor SAT802-SC Datasheet HTML 5Page - Seoul Semiconductor SAT802-SC Datasheet HTML 6Page - Seoul Semiconductor SAT802-SC Datasheet HTML 7Page - Seoul Semiconductor SAT802-SC Datasheet HTML 8Page - Seoul Semiconductor SAT802-SC Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Product Brief
Description
제품사진
•아래규격에 부합하는 이미지만 가능: 없을 경우 마케팅
팀에 의뢰
•고해상도
•흰 배경
•표준크기: 제품이 가득 차게 가로 5cm 규격 으로
사각 위치에 맞게 (가로세로 비율 고정)
Key Applications
Features and Benefits
Key Message:
- ex) Enabling high flux systems while reduces LED count
- ex) Enabling compact systems with high reliability
- ex) High reliability and High quality of light
- ex) Flicker-free AC/DC LED Solution
- ex) High-efficient Dimming Solution
Product Family:
- ex) Mid-Power LED
- ex) High-Power LED for Automotive
- ex) Chip on Board
Product ID (part number):
- ex) STW8C2SA
- ex) SZ5-M0-WN-C8
Description
•
Features and Benefits
•
Key Applications
•
•표는 반드시
“Table 번호#. 표 설명” 을 제목으로 한다.
www.seoulsemicon.com
Product Data Sheet
SAT802-SC
– 802 Series Amber
1
Rev1.0, June 1, 2016
Applicable for automotive Exterior light
TV, PC, NB,
MNT, Mobile
Automotive
Lighting, MR16, PAR,
down light
Bulb, LFT
Outdoor, streetlight,
tunnel, parking
Home appliance
Architectural,
Entertainment
Sign, Channel
Sensor, Torch
Application 응용제품 아이콘 삽입
AEC-Q101
RoHS
•
This Amber Colored surface-mount LED
comes in standard package dimension.
Package Size: 3.5x2.8x1.9mm
•
It has a substrate made up of a molded
plastic reflector sitting on top of a lead
frame.
•
The die is attached within the reflector
cavity and the cavity is encapsulated by
silicone.
•
The package design coupled with
careful selection of component
materials allow these products to
perform with high reliability.
•
PLCC4 Amber Color
•
ESD Max.2kV
•
MSL Level 2
•
Viewing angle 120℃
•
AEC-Q101 Qualified
•
RoHS compliant
•
Automotive Exterior Lighting
•
Stop tail Lamp, CHMSL
802 Series Amber
SAT802-SC


Similar Part No. - SAT802-SC

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SAT802-SB SEOUL-SAT802-SB Datasheet
890Kb / 24P
Applicable for automotive Exterior light
More results

Similar Description - SAT802-SC

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
85335-0009 MOLEX-85335-0009 Datasheet
72Kb / 1P
Metal SC-ST & SC-SC Duplex Adapters
logo
Vitesse Semiconductor C...
SD825-15-5 VITESSE-SD825-15-5 Datasheet
63Kb / 1P
PLUG, SC
logo
Pasternack Enterprises,...
PE9403 PASTERNACK-PE9403 Datasheet
244Kb / 2P
SC Male to SC Male Adapter
PE9404 PASTERNACK-PE9404 Datasheet
239Kb / 2P
SC Female to SC Female Adapter
PE9572 PASTERNACK-PE9572 Datasheet
253Kb / 2P
SC Male to SC Female Adapter
PE300008-2 PASTERNACK-PE300008-2 Datasheet
249Kb / 1P
CABLE ASSEMBLY SC TO SC DUPLEX
PE300008-3 PASTERNACK-PE300008-3 Datasheet
249Kb / 1P
CABLE ASSEMBLY SC TO SC DUPLEX
PE300109-1 PASTERNACK-PE300109-1 Datasheet
179Kb / 1P
CABLE ASSEMBLY DUPLEX 10GIG SC-SC
logo
Tripp Lite. All Rights ...
N452000 TRIPPLITE-N452000 Datasheet
474Kb / 2P
Duplex MMF Coupler (SC-SC)
N452-000 TRIPPLITE-N452-000 Datasheet
154Kb / 2P
Duplex MMF / SMF Coupler (SC/SC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com