Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF151 Datasheet(PDF) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # DF151
Description  Glass passivated die construction
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

DF151 Datasheet(HTML) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  DF151 Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd DF151 Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd DF151 Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd DF151 Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Technical Data
Green Products
Data Sheet N1736, Rev. -
• China - Germany - Korea - Singapore - United States •
• http://www.smc-diodes.com - sales@ smc-diodes.com •
DF151 THRU DF157
Maximum Ratings and Electrical Characteristics @TA=25°C unless otherwise specified
Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Type Number
Symbol
DF151
DF152
DF153
DF154
DF155
DF156
DF157
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VRMS
35
70
140
280
420
560
700
V
Average Forward Output Current
(Note 1) @ TA = 40°C
IO
1.5
A
Non-Repetitive Peak Forward Surge
Current 8.3ms Single half sine-wave
superimposed on rated load (JEDEC
Method)
IFSM
55
A
Forward Voltage Drop per Bridge
Element
@IF=1.5A
VF
1.1
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage @TA = 125°C
IR
5
500
μA
Typical Junction Capacitance per leg
(Note 2)
CJ
25
pF
Typical Thermal Resistance per leg
RθJA
40
°C/W
RθJL
15
Operating Junction and Storage
Temperature Range
TJ ,TSTG
-55+150
°C
Note: 1. Mounted on glass epoxy PC board with 1.3mm
2 solder pad.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com