Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F15F2F Datasheet(PDF) 3 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # F15F2F
Description  Fast reverse recovery time
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

F15F2F Datasheet(HTML) 3 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  F15F2F Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd F15F2F Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd F15F2F Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd F15F2F Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd F15F2F Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Technical Data
Green Products
Data Sheet N1743, Rev. -
 China - Germany - Korea - Singapore - United States 
 http://www.smc-diodes.com - sales@ smc-diodes.com 
FTB1F-15F
THRU
FTB10F-15F
Maximum Ratings and Electrical Characteristics @TA=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
FTB1F
-15F
FTB2F
-15F
FTB4F
-15F
FTB6F
-15F
FTB8F
-15F
FTB10F
-15F
Units
Maximum repetitive peak reverse voltage
VRRM
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
100
200
400
600
800
1000
V
Average Rectified Output Current
at TA=50℃
Io
1.5
A
Peak forward surge current 8.3ms single half
sine-wave superimposed on rated load (JEDEC
Method)
IFSM
50
A
Maximum instantaneous forward voltage at 1.5A
VF
1.3
V
Maximum DC reverse current TA=25 ℃
at rated DC blocking voltage TA=125 ℃
IR
5.0
100
µA
Typical Junction Capacitance (Note 1)
CJ
25
pF
Typical Thermal Resistance (Note 2)
RθJA
80
°C/W
Maximum Reverse Recovery Time (Note 3)
Trr
Trr(TYP.)
500
300
ns
Junction Temperature
TJ
-55 to +150
°C
Storage Temperature Range
TSTG
-55 to +150
°C
Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
2. Mounted on glass epoxy PC board with 4×(5×5mm
2) copper pad.
3. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com