Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F15F4F Datasheet(PDF) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # F15F4F
Description  Fast reverse recovery time
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

F15F4F Datasheet(HTML) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  F15F4F Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd F15F4F Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd F15F4F Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd F15F4F Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd F15F4F Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Technical Data
Green Products
Data Sheet N1743, Rev. -
 China - Germany - Korea - Singapore - United States 
 http://www.smc-diodes.com - sales@ smc-diodes.com 
FTB1F-15F
THRU
FTB10F-15F
FTB1F-15F THRU FTB10F-15F
1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Features:
Glass Passivated Chip Junction
Reverse Voltage - 100 to 1000 V
Forward Current - 1.5 A
Designed for Surface Mount Application
Fast reverse recovery time
This is a Halogen Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request
Mechanical Data:
Case: ABF
Terminals: Solderable per MIL-STD-750, Method 2026
Weight: 82 mg
Mechanical Dimensions: In mm/mil
ABF
PIN
DESCRIPTION
1
Input Pin(~)
2
Input Pin(~)
3
Output Anode(+)
4
Output Cathode(-)


Similar Part No. - F15F4F

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
F15F10FP SMC-F15F10FP Datasheet
155Kb / 4P
Designed for Surface Mount Application
logo
Shindengen Electric Mfg...
F15F60C3M SHINDENGEN-F15F60C3M Datasheet
160Kb / 2P
Power MOSFET
F15F60C3M SHINDENGEN-F15F60C3M_17 Datasheet
180Kb / 4P
Power MOSFET
logo
Sangdest Microelectroni...
F15F6FP SMC-F15F6FP Datasheet
155Kb / 4P
Designed for Surface Mount Application
F15F8FP SMC-F15F8FP Datasheet
155Kb / 4P
Designed for Surface Mount Application
More results

Similar Description - F15F4F

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
1N4448WTF AITSEMI-1N4448WTF Datasheet
569Kb / 5P
FAST SWITCHING DIODE REVERSE RECOVERY TIME 4ns
REV1.0
BAS16TW AITSEMI-BAS16TW Datasheet
373Kb / 6P
FAST SWITCHING DIODE REVERSE RECOVERY TIME 4.0ns
REV1.0
logo
Pan Jit International I...
PSDB1560S1 PANJIT-PSDB1560S1 Datasheet
1,012Kb / 5P
Speedy Diode - Short Reverse Recovery Time, Fast Recovery Diode
March 2,2021 PSDB1560S1-REV.00
PSDD0860S1 PANJIT-PSDD0860S1 Datasheet
307Kb / 5P
Speedy Diode - Short Reverse Recovery Time, Fast Recovery Diode
January 10,2022 PSDD0860S1-REV.00
PSDH30120S1 PANJIT-PSDH30120S1 Datasheet
716Kb / 5P
Speedy Diode - Short Reverse Recovery Time, Fast Recovery Diode
September 3,2020 PSDH30120S1-REV.00
PSDH3060CCS1 PANJIT-PSDH3060CCS1 Datasheet
1Mb / 5P
Speedy Diode - Short Reverse Recovery Time, Fast Recovery Diode
March 2,2021 PSDH3060CCS1-REV.00
PSDH6060CCS1 PANJIT-PSDH6060CCS1 Datasheet
1Mb / 5P
Speedy Diode - Short Reverse Recovery Time, Fast Recovery Diode
March 2,2021 PSDH6060CCS1-REV.00
PSDH6060S1 PANJIT-PSDH6060S1 Datasheet
718Kb / 5P
Speedy Diode - Short Reverse Recovery Time, Fast Recovery Diode
November 3,2020 PSDH6060S1-REV.00
PSDP1560S1 PANJIT-PSDP1560S1 Datasheet
1Mb / 5P
Speedy Diode - Short Reverse Recovery Time, Fast Recovery Diode
November 3,2020 PSDP1560S1-REV.00
PSDC0860S1 PANJIT-PSDC0860S1 Datasheet
340Kb / 5P
Speedy Diode - Short Reverse Recovery Time, Fast Recovery Diode
February 1,2023 PSDC0860S1-REV.00
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com