Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PST01 Datasheet(PDF) 3 Page - Power System Technology

Part # PST01
Description  Automobile bench of test. Programmable laboratory PSU
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PST [Power System Technology]
Direct Link  http://www.powersystemtechnology.com/
Logo PST - Power System Technology

PST01 Datasheet(HTML) 3 Page - Power System Technology

  PST01 Datasheet HTML 1Page - Power System Technology PST01 Datasheet HTML 2Page - Power System Technology PST01 Datasheet HTML 3Page - Power System Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MECHANICALS
REAR PANEL INPUT CONNECTOR : CEE22 AC socket
+Vout A
1 red terminal
DESCRIPTION
FRONT PANEL OUTPUTS : 4mm terminals
-Vout A
1 black terminal
+Vout B1
1 red terminal
+Vout B2
1 red terminal
+Vout B3
1 red terminal
-Vout B1, B2, B2
1 black terminal
PIN
1
NC
DESCRIPTION
REAR PANEL RS232 connector : SubD 9pts female
2
TxD
3
RxD
4
DTR
5
Ground
6
DTR
7, 8, 9
NC
Ground
1 yellow terminal
Outputs, Sense Inputs and overcurrent
open collector outputs in rear panel
PST01
3/3
Rev. 00



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com