Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PST03 Datasheet(PDF) 1 Page - Power System Technology

Part # PST03
Description  This range of power supplies is specially designed
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PST [Power System Technology]
Direct Link  http://www.powersystemtechnology.com/
Logo PST - Power System Technology

PST03 Datasheet(HTML) 1 Page - Power System Technology

  PST03 Datasheet HTML 1Page - Power System Technology PST03 Datasheet HTML 2Page - Power System Technology PST03 Datasheet HTML 3Page - Power System Technology PST03 Datasheet HTML 4Page - Power System Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
150 x 70 x 49 mm
INPUT : 12, 24, 48, 72, 110Vdc IN
1 OUTPUT : from 3V3 to 48Vdc up to 100W
Efficiency : 82 % typ.
Convection cooled
INPUT
Voltage range :
12Vnom
Range : 10-20Vdc
Limited to 50W
24Vnom
Range : 18-36Vdc
48Vnom
Range : 36-75Vdc
72Vnom
Range : 55-100Vdc
110Vnom
Range : 66-160Vdc
Input protection :
fuse 3,15A
transient and surges protected
reverse polarity protected
OUTPUT
Voltage :
3V3, 5V, 12V, 25V, 24V, 28V, 48Vdc
Power :
From 25W to 100W
Trim range :
50% to 110% (factory adjustable)
Typ.
Line regulation
Load regulation
Ripple and noise
Current limit
0,05 %
0,2 %
1,5 %
110 to 140 %
of I nominal
Low line to high line ; full load
No load to full load
Peak to peak, nom. Input ; full load
Vout = 95% of nominal ;
Automatic restart
0,5 %
1 %
3 %
OUTPUT
Conditions
Max.
APPLICATIONS
This range of power supplies is specially designed for hard environment applications with vibrations and
high temperature like railways.
PST03
1/4


Similar Part No. - PST03

ManufacturerPart #DatasheetDescription
logo
Power System Technology
PST00 PST-PST00 Datasheet
285Kb / 5P
This range of power supplies is specially designed
PST01 PST-PST01 Datasheet
227Kb / 3P
Automobile bench of test. Programmable laboratory PSU
PST02 PST-PST02 Datasheet
259Kb / 4P
This range of power supplies is specially designed
PST04 PST-PST04 Datasheet
232Kb / 4P
Industrial, naval applications
logo
ABB
PST0410 ABB-PST0410 Datasheet
85Kb / 3P
LS1 PLIABLE CONDUIT TYPE T 20MM 10M
More results

Similar Description - PST03

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
7383-G1C3-ATVA EVERLIGHT-7383-G1C3-ATVA Datasheet
113Kb / 8P
Specially designed for applications
7383-B1C3-AMQA EVERLIGHT-7383-B1C3-AMQA Datasheet
112Kb / 8P
Specially designed for applications
7344-V2C3-AQTB EVERLIGHT-7344-V2C3-AQTB Datasheet
106Kb / 6P
Specially designed for applications
logo
Power System Technology
EUROCARD-PST-00 PST-EUROCARD-PST-00 Datasheet
285Kb / 5P
This range of power supplies is specially designed
FAB0307015 PST-FAB0307015 Datasheet
211Kb / 3P
This range of power supplies is specially designed for DIN Rail mounting applications
PST00 PST-PST00 Datasheet
285Kb / 5P
This range of power supplies is specially designed
PST02 PST-PST02 Datasheet
259Kb / 4P
This range of power supplies is specially designed
PST11 PST-PST11 Datasheet
222Kb / 4P
This range of power supplies is specially designed
PST15 PST-PST15 Datasheet
285Kb / 5P
This range of power supplies is specially designed
PST16 PST-PST16 Datasheet
302Kb / 4P
This range of power supplies is specially designed
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com