Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PST05 Datasheet(PDF) 2 Page - Power System Technology

Part # PST05
Description  Automobile bench of test
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PST [Power System Technology]
Direct Link  http://www.powersystemtechnology.com/
Logo PST - Power System Technology

PST05 Datasheet(HTML) 2 Page - Power System Technology

  PST05 Datasheet HTML 1Page - Power System Technology PST05 Datasheet HTML 2Page - Power System Technology PST05 Datasheet HTML 3Page - Power System Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Safety :
built to meet EN60950
EMI :
built to meet EN55022B, conducted.
ENVIRONMENTAL
Storage temperature :
-20°C to +85°C
Operating temperature :
-10°C to +50°C ambiant, forced air, nominal power
ISOLATION
Input to chassis :
1500 Vrms or 2121 Vdc
Input to Output :
3000 Vrms or 4242 Vdc
Output to Chassis :
>100 Mohms at 500 Vdc
GENERAL
MEASURING SECTION
Voltage :
2 ADC 16 bits, 30V full scale
Current :
2 ADC 16 bits, 3A full scale
SIGNALS
Overcurrent indication :
Open collector output
PST05
2/3
Rev. 00



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com