Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PST08 Datasheet(PDF) 1 Page - Power System Technology

Part # PST08
Description  Designed for industrial and defense, naval applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PST [Power System Technology]
Direct Link  http://www.powersystemtechnology.com/
Logo PST - Power System Technology

PST08 Datasheet(HTML) 1 Page - Power System Technology

  PST08 Datasheet HTML 1Page - Power System Technology PST08 Datasheet HTML 2Page - Power System Technology PST08 Datasheet HTML 3Page - Power System Technology PST08 Datasheet HTML 4Page - Power System Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
6U x 4TE x 160 mm
INPUT : 90 - 132 Vac
OUTPUT : up to 200W
1-3 outputs fully isolated
Efficiency : 77 % typ.
Air forced
Very low profile
INPUT
Voltage range :
90 - 132Vac
Nominal :
115 Vac
Input protection :
fuse
transient and surges protected
OUTPUT
Voltage :
V1 : 3V3, 5V, 12V, 15V, 24V, 28V, 48V
up to 150W
V2 : 3V3, 5V, 12V, 15V, 24V, 28V, 48V
up to 75W
V3 : -3V3, -5V, -12V, -15V, -24V, -28V, -48V
up to 75W
Typ.
Line regulation
Load regulation
Ripple and noise
Current limit
0,02 %
0,02 %
0,5 %
115 %
of I nominal
Low line to high line ; full load
No load to full load
Peak to peak, nom. Input ; full load
Vout = 95% of nominal ;
Automatic restart
0,2 %
0,5 %
1 %
140 %
of I nominal
OUTPUT
Conditions
Max.
APPLICATIONS
Designed for industrial and defense, naval applications.
Short circuit current
115 %
of I nominal
Vout < 250mV ; Automatic restart
140 %
of I nominal
PST08
1/4
Rev. 00


Similar Part No. - PST08

ManufacturerPart #DatasheetDescription
logo
Power System Technology
PST00 PST-PST00 Datasheet
285Kb / 5P
This range of power supplies is specially designed
PST01 PST-PST01 Datasheet
227Kb / 3P
Automobile bench of test. Programmable laboratory PSU
PST02 PST-PST02 Datasheet
259Kb / 4P
This range of power supplies is specially designed
PST03 PST-PST03 Datasheet
293Kb / 4P
This range of power supplies is specially designed
PST04 PST-PST04 Datasheet
232Kb / 4P
Industrial, naval applications
More results

Similar Description - PST08

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
MRF148A NJSEMI-MRF148A Datasheet
84Kb / 2P
Designed for power amplifier applications in industrial
logo
STMicroelectronics
RPC56EL60L5 STMICROELECTRONICS-RPC56EL60L5 Datasheet
2Mb / 137P
microcontroller for Aerospace and Defense, SIL3/ASILD safety applications
23-Sep-2014
logo
Power System Technology
FAB0509012 PST-FAB0509012 Datasheet
203Kb / 3P
Naval, industrial
PST04 PST-PST04 Datasheet
232Kb / 4P
Industrial, naval applications
PST19 PST-PST19 Datasheet
657Kb / 4P
Naval and industrial applications
logo
XP Power Limited
MTC05 XPPOWER-MTC05 Datasheet
9Mb / 36P
COTS Component for Defense & Avionics Applications
MTC35 XPPOWER-MTC35 Datasheet
6Mb / 35P
COTS Component for Defense & Avionics Applications
logo
Laird Tech Smart Techno...
ECCOSTOCK-SH LSTD-ECCOSTOCK-SH Datasheet
114Kb / 2P
Security and Defense
logo
Vishay Siliconix
VS-VSUD360CW40 VISHAY-VS-VSUD360CW40 Datasheet
154Kb / 6P
Designed and qualified for industrial level
03-Nov-16
VS-HFA180NH40PBF VISHAY-VS-HFA180NH40PBF Datasheet
151Kb / 7P
Designed and qualified for industrial level
19-Mar-15
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com