Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PST15 Datasheet(PDF) 3 Page - Power System Technology

Part # PST15
Description  This range of power supplies is specially designed
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PST [Power System Technology]
Direct Link  http://www.powersystemtechnology.com/
Logo PST - Power System Technology

PST15 Datasheet(HTML) 3 Page - Power System Technology

  PST15 Datasheet HTML 1Page - Power System Technology PST15 Datasheet HTML 2Page - Power System Technology PST15 Datasheet HTML 3Page - Power System Technology PST15 Datasheet HTML 4Page - Power System Technology PST15 Datasheet HTML 5Page - Power System Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Safety :
built to meet EN60950
EMI :
built to meet EN55022, EN50121-3-2, conducted.
ENV :
built to meet EN50155
ENVIRONMENTAL
Storage temperature :
-20°C to 105°C
Operating temperature :
-25°C to +95°C heatsink
Operating temperature in natural convection : 90W max. at 55°C, derating 2,5 % / °C above 55°C
ISOLATION
Input to chassis :
1500 Vrms or 2121 Vdc
Input to Output :
3000 Vrms or 4242 Vdc
Output to Chassis :
>100 Mohms at 500 Vdc
GENERAL
SIGNALS
Input OK :
red led in front panel
Output OK :
open collector, closed if outputs OK
green led in front panel for each output
Note that on V1, V2 when N+1 option is chosen and remote sense is used, the
power good led signal is always ON
Inhibit : :
general shutdown, pins 28,32 shorted to inhibit
3/5
EUROCARD PST15
OPTIONS
N+1 redundancy :
with oring diodes for V1, V2 (- R : see below part numbering)
Extended temperature range :
-40°C ambiant operating (- T : see below part numbering)
Extremely slim case :
4TE wide, replacement of the standard heatsink by an aluminium
plate, max. temp. of the plate 95°C (- S : see below part numbering)
Consult factory for power derating.
Rev. 00



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com