Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PST16 Datasheet(PDF) 1 Page - Power System Technology

Part # PST16
Description  This range of power supplies is specially designed
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PST [Power System Technology]
Direct Link  http://www.powersystemtechnology.com/
Logo PST - Power System Technology

PST16 Datasheet(HTML) 1 Page - Power System Technology

  PST16 Datasheet HTML 1Page - Power System Technology PST16 Datasheet HTML 2Page - Power System Technology PST16 Datasheet HTML 3Page - Power System Technology PST16 Datasheet HTML 4Page - Power System Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
220 x 78 x 49 mm
INPUT : 12, 24, 48, 72, 110Vdc
1 to 2 outputs configurable from 3V3 to 48Vdc
Pout : up to 200W
Efficiency : 80 % typ.
Convection cooled
INPUT
Voltage range :
12Vnom
Range : 10-20Vdc
Limited to 100W
24Vnom
Range : 18-36Vdc
Limited to 100W
48Vnom
Range : 36-75Vdc
72Vnom
Range : 55-100Vdc
110Vnom
Range : 66-160Vdc
Input protection :
fuse
transient and surges protected
reverse polarity protected
OUTPUT
Voltage :
V1, V2 : 3V3, 5V, 12V, 25V, 24V, 28V, 48Vdc
Power :
From 25W to 100W per output
Trim range :
50 % to 110 % (factory adjustable)
Typ.
Line regulation
Load regulation
Ripple and noise
Current limit
0,05 %
0,2 %
1,5 %
110 to 140 %
of I nominal
Low line to high line ; full load
No load to full load
Peak to peak, nom. Input ; full load
Vout = 95% of nominal ;
Automatic restart
0,5 %
1 %
3 %
OUTPUTS
Conditions
Max.
APPLICATIONS
This range of power supplies is specially designed for hard environment applications with vibrations like
railways.
PST16
1/4


Similar Part No. - PST16

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
PST1600A DIOTEC-PST1600A Datasheet
121Kb / 2P
Silicon Rectifier Diodes - Half Bridge
PST1600A DIOTEC-PST1600A Datasheet
119Kb / 2P
Silicon Rectifiers - Half Bridge
PST1600A DIOTEC-PST1600A Datasheet
122Kb / 2P
Silicon Rectifier Diodes . Half Bridge
PST1600A DIOTEC-PST1600A_10 Datasheet
121Kb / 2P
Silicon Rectifier Diodes - Half Bridge
PST1600A DIOTEC-PST1600A_13 Datasheet
122Kb / 2P
Silicon Rectifier Diodes . Half Bridge
More results

Similar Description - PST16

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
7383-G1C3-ATVA EVERLIGHT-7383-G1C3-ATVA Datasheet
113Kb / 8P
Specially designed for applications
7383-B1C3-AMQA EVERLIGHT-7383-B1C3-AMQA Datasheet
112Kb / 8P
Specially designed for applications
7344-V2C3-AQTB EVERLIGHT-7344-V2C3-AQTB Datasheet
106Kb / 6P
Specially designed for applications
logo
Power System Technology
EUROCARD-PST-00 PST-EUROCARD-PST-00 Datasheet
285Kb / 5P
This range of power supplies is specially designed
FAB0307015 PST-FAB0307015 Datasheet
211Kb / 3P
This range of power supplies is specially designed for DIN Rail mounting applications
PST00 PST-PST00 Datasheet
285Kb / 5P
This range of power supplies is specially designed
PST02 PST-PST02 Datasheet
259Kb / 4P
This range of power supplies is specially designed
PST03 PST-PST03 Datasheet
293Kb / 4P
This range of power supplies is specially designed
PST11 PST-PST11 Datasheet
222Kb / 4P
This range of power supplies is specially designed
PST15 PST-PST15 Datasheet
285Kb / 5P
This range of power supplies is specially designed
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com