Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PST17 Datasheet(PDF) 1 Page - Power System Technology

Part # PST17
Description  Industrial, communication, vehicle
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PST [Power System Technology]
Direct Link  http://www.powersystemtechnology.com/
Logo PST - Power System Technology

PST17 Datasheet(HTML) 1 Page - Power System Technology

  PST17 Datasheet HTML 1Page - Power System Technology PST17 Datasheet HTML 2Page - Power System Technology PST17 Datasheet HTML 3Page - Power System Technology PST17 Datasheet HTML 4Page - Power System Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
120 x 61 x 47 mm
INPUT :
24, 48, 230Vac 47-63Hz
12, 24, 48, 72, 110Vdc
1 OUTPUT : From 3V3 to 48Vdc
Power : 100W max.
Efficiency : 82 % typ.
Chassis mounting
INPUT
Voltage range :
AC version : range 20-28Vac, 24-55Vac, 90-250Vac
47-63Hz
DC version : 10-36Vdc, 18-36Vdc, 36-75Vdc, 55-100Vdc, 66-160Vdc
Input protection :
fuse
transient and surges protected
OUTPUT
Voltage :
From 3V3 to 48Vdc, consult factory for other voltage
Power:
derating may apply according to input voltage range
Typ.
Line regulation
Load regulation
Ripple and noise
Current limit
0,2 %
0,2 %
1 %
110 to 140 %
of I nominal
Low line to high line ; full load
No load to full load
Peak to peak, nom. Input ; full load
Vout = 95% of nominal ;
Automatic restart
1 %
1 %
2 %
Short circuit current
110 to 140 %
of I nominal
OUTPUT
Conditions
Max.
APPLICATIONS
Industrial, communication, vehicle.
PST17
1/4
Rev. 01


Similar Part No. - PST17

ManufacturerPart #DatasheetDescription
logo
Power System Technology
PST10 PST-PST10 Datasheet
230Kb / 4P
Industrial DIN RAIL mounting application
PST11 PST-PST11 Datasheet
222Kb / 4P
This range of power supplies is specially designed
PST12 PST-PST12 Datasheet
263Kb / 3P
Automobile bench of test designed for DIN Rail mounting applications
PST13 PST-PST13 Datasheet
226Kb / 4P
Modular power supply for industrial & railways
PST14 PST-PST14 Datasheet
3Mb / 20P
DC-DC conduction cooled from 150W to several kWs
More results

Similar Description - PST17

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EKI-1121L ADVANTECH-EKI-1121L Datasheet
357Kb / 1P
1-port RISC-based Industrial Communication Controller
logo
SHENZHEN KYL COMMUNICAT...
KYL-GPS KYL-KYL-GPS Datasheet
615Kb / 10P
Vehicle Tracker
logo
STMicroelectronics
UM0240 STMICROELECTRONICS-UM0240 Datasheet
2Mb / 39P
ST Industrial Communication Board - EVALCOMMBOARD
28-Jun-2006
logo
Suntsu Electronics, Inc...
SATOA-50A50A48A-CMB1 SUNTSU-SATOA-50A50A48A-CMB1 Datasheet
1Mb / 3P
Vehicle Tracking
SATOA-110A110A53A-CMB3 SUNTSU-SATOA-110A110A53A-CMB3 Datasheet
2Mb / 3P
Vehicle Tracking
logo
Prosoft-Technology
MVI56E-SIE PROSOFT-MVI56E-SIE Datasheet
246Kb / 2P
Siemens Industrial Ethernet Communication Module for ControlLogix
logo
Pepperl+Fuchs Inc.
ICA-IIOT-KIT2G-IO PF-ICA-IIOT-KIT2G-IO Datasheet
1Mb / 3P
Industrial Communication
2022-08-04
ICA-IIOT-KIT2K-IO PF-ICA-IIOT-KIT2K-IO Datasheet
1Mb / 3P
Industrial Communication
2022-08-04
ICA-IIOT-KIT3G-IO PF-ICA-IIOT-KIT3G-IO Datasheet
1Mb / 3P
Industrial Communication
2022-08-04
ICA-IIOT-KIT3K-IO PF-ICA-IIOT-KIT3K-IO Datasheet
1Mb / 3P
Industrial Communication
2022-08-04
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com