Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PST21A Datasheet(PDF) 13 Page - Power System Technology

Part # PST21A
Description  AC-DC 1200W Conduction cooled
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PST [Power System Technology]
Direct Link  http://www.powersystemtechnology.com/
Logo PST - Power System Technology

PST21A Datasheet(HTML) 13 Page - Power System Technology

Back Button PST21A Datasheet HTML 5Page - Power System Technology PST21A Datasheet HTML 6Page - Power System Technology PST21A Datasheet HTML 7Page - Power System Technology PST21A Datasheet HTML 8Page - Power System Technology PST21A Datasheet HTML 9Page - Power System Technology PST21A Datasheet HTML 10Page - Power System Technology PST21A Datasheet HTML 11Page - Power System Technology PST21A Datasheet HTML 12Page - Power System Technology PST21A Datasheet HTML 13Page - Power System Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
PST21A
Page 13 of 13
www.powersystemtechnology.com
Example :
PST21A-48150-48150-48150-48150-48150-48150-M (2 microboards with 6 outputs of 48V 150W with MIL-STD op�on)
PST21A-3V375-5100-12150-24300-28300 (1 microboard with 3 different outputs and 1 miniboard with 2 different outputs)
µ-µ-µ : Microboard Aout1,Aout2,Aout3 or Bout1,Bout2,Bout3 :
Up to 3 outputs with micromodules from 2V to 48Vdc 150W (see
table page 1)
µ
V
W
µ
V
W
µ
v
W
N
2
3V3
5
8
12
15
24
28
36
48
N
50
50, 75
50, 100
100
75, 150
75, 150
75, 150
75, 150
75, 150
75, 150
N
2
3V3
5
8
12
15
24
28
36
48
N
50
50, 75
50, 100
100
75, 150
75, 150
75, 150
75, 150
75, 150
75, 150
N
2
3V3
5
8
12
15
24
28
36
48
N
50
50, 75
50, 100
100
75, 150
75, 150
75, 150
75, 150
75, 150
75, 150
m-m : Miniboard Aout1,Aout2 or Bout1,Bout2 : Up to 2 outputs
with minimodules from 2V to 48Vdc 300W (see table page 1)
m
V
W
m
V
W
N
2
3V3
5
8
12
15
24
28
36
48
N
100
100, 150
150, 200
200
200, 300
200, 300
200, 300
200, 300
200, 300
200, 300
N
2
3V3
5
8
12
15
24
28
36
48
N
100
100, 150
150, 200
200
200, 300
200, 300
200, 300
200, 300
200, 300
200, 300
M : Maxiboard Aout1 &/or Bout1: 1 output with maximodule from
2V to 54Vdc 600W (see table page 1)
M
V
W
N
2
3V3
5
8
12
15
24
28
32
36
48
54
N
160
200, 264
300, 400
300, 400
400, 600
400, 600
400, 600
400, 600
600
400, 500, 600
400, 600
600
Note: High current, low voltage outputs have to be
placed on Aout1 or Bout1 in priority
2M : Maxiboard Aout1 & Bout1: 1 output with maximodule from
2V to 54Vdc 1200W (see table page 1)
2M
V
W
N
2V
3V3
5
8
12
15
24
28
32
36
48
54
N
320
400, 528
600, 800
600, 800
800, 1200
800, 1200
800, 1200
800, 1200
1200
800, 1000, 1200
800, 1200
1200
Note: High current, low voltage outputs have to be
placed on Aout3 or Bout3 in priority
EMPTY SLOTS ARE FILLED WITH "NN"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com