Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PST23 Datasheet(PDF) 2 Page - Power System Technology

Part # PST23
Description  Standard product
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PST [Power System Technology]
Direct Link  http://www.powersystemtechnology.com/
Logo PST - Power System Technology

PST23 Datasheet(HTML) 2 Page - Power System Technology

  PST23 Datasheet HTML 1Page - Power System Technology PST23 Datasheet HTML 2Page - Power System Technology PST23 Datasheet HTML 3Page - Power System Technology PST23 Datasheet HTML 4Page - Power System Technology PST23 Datasheet HTML 5Page - Power System Technology PST23 Datasheet HTML 6Page - Power System Technology PST23 Datasheet HTML 7Page - Power System Technology PST23 Datasheet HTML 8Page - Power System Technology PST23 Datasheet HTML 9Page - Power System Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
PST23 Rev. 04
Page 2 of 9
www.powersystemtechnology.com
Electrical Input Data
Input
Unit
Characteristics
Conditions
min
typ
max
min
typ
max
min
typ
max
min
typ
max
min
typ
max
Input surge
< 100ms
50
50
100
150
250
V
Undervoltage turn-on
8,8
8,9
17,5
17,9
35
35,8
41,7
42,6
64
65,4
V
Undervoltage turn-off
8,5
14,8
15,3
29,4
30,5
35,2
36,5
54
56
V
Overvoltage turn-off/on
36,3
37,8
39,6
36,3
37,8
39,6
76
79
82,5
111
115
121
154
162
170,9
V
Input current
Vin min
10
14
7
11
4
4,6
2
4,5
1,6
3
A
No-load input power
3
3
3
3
3
W
Peak inrush current
Vin max
90
A
Rise time inrush
10
µs
Start-up time
ms
110
66
110
154
Operating input voltage
Input
24
18
24
36
12
9
12
36
48
72
V
72
110
36
48
75
43
Input Fuse
An internal fuse protects against damages in case of a failure. The fuse is not
user-accessible. Reverse polarity at the input will cause the fuse to blow .
Model
Fuse type
Rating
Reference
12 / 24V
Schurter
15A
3413.0330.22
48V
Schurter
10A
3403.0176.24
72V
Schurter
5A
3403.0173
110V
Schurter
5A
3403.0173
Input Transient Protection / Electromagnetic Compatibility (EMC)
A VDR (Voltage Dependent Resistor) and a common mode input filter form an
effective protection against input transients in severe environment like railways
with EN50155.
Input Reverse polarity Protection
A diode placed internally across the input will cause the fuse to blow in case of
a reverse polarity of input voltage .
Primary Inhibit (Remote On/Off)
The inhibit input disables (logic low, pull down or short circuit between Inh+ and
Inh-) or enables (logic high TTL, pull up or open-circuit between Inh+ and -In) the
converter. This signal is referenced to the input voltage and will disable/enable
all outputs at the same time. In systems consisting of several converters, this
feature may be used to sequence the activation of the different converters.
Output Voltage Adjustment
The converter offer adjustment for output voltage though a potentiometer.
Auxiliary Functions



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com