Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PST24 Datasheet(PDF) 2 Page - Power System Technology

Part # PST24
Description  Standard product
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PST [Power System Technology]
Direct Link  http://www.powersystemtechnology.com/
Logo PST - Power System Technology

PST24 Datasheet(HTML) 2 Page - Power System Technology

  PST24 Datasheet HTML 1Page - Power System Technology PST24 Datasheet HTML 2Page - Power System Technology PST24 Datasheet HTML 3Page - Power System Technology PST24 Datasheet HTML 4Page - Power System Technology PST24 Datasheet HTML 5Page - Power System Technology PST24 Datasheet HTML 6Page - Power System Technology PST24 Datasheet HTML 7Page - Power System Technology PST24 Datasheet HTML 8Page - Power System Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PST24 Rev. 01
Page 2 of 8
www.powersystemtechnology.com
Electrical Input Data
Input
ĀĀȀ̀ЀԀ؀
܀ࠀ
܀ऀ
ࠀऀ
ĀĀ਀̀଀؀
ĀĀఀഀ฀ༀ฀က؀ᄀༀ଀ሀ؀଀ကሀ
ĀĀఀጀ̀᐀଀؀଀ጀ̀ሀ
ᔀ଀̀
؀ᘀЀ
ᔀ฀ᜀ
ᔀ଀̀
؀ᘀЀ
ᔀ฀ᜀ
ᔀ଀̀
؀ᘀЀ
ᔀ฀ᜀ
ĀȀ̀ЀԀ؀܀ࠀऀ਀Āࠀऀ̀଀܀Āఀഀ฀܀؀਀Ѐ
ༀက
ᄀሀ
ጀ᐀
ༀᔀ
ᄀက
ጀ᐀
ᘀᔀ
ሀက
ᜀጀ
Āᤀऀ̀଀܀Āᨀ଀Ԁ਀Ѐ
ጀ᐀ᬀᨀ
ༀ᐀᐀
ᰀᤀᴀḀἀ !Ḁༀᄀᜀጀ"#$#!
ༀ᐀᐀ᬀᨀ
က᐀
ༀ᐀᐀
!ȀḀༀᔀ᐀%
Ā&ऀ'ЀԀఀഀ฀܀؀਀ЀĀ܀଀ԀऀḀഀऀ
ༀᔀ
ༀᜀ(ጀ
ༀጀ()
ༀᜀ
ᘀሀ
ᘀጀ(ጀ
ༀᜀ᠀Ā؀܀Āༀ᐀᐀*+
Ā&ऀ'ЀԀఀഀ฀܀؀਀ЀĀ܀଀ԀऀḀഀ,,
ༀᘀ(ጀ
ༀሀ(ༀ
ༀᄀ(ᄀ
ༀᘀ(ጀ
ᘀ᐀
ᘀༀ(က
ĀȀఀЀԀఀഀ฀܀؀਀ЀĀ܀଀ԀऀḀഀऀ
ጀ᐀
ጀᄀ
ጀ᐀
ጀᄀ
ᜀጀ(ጀ
ᜀᜀ
ĀȀఀЀԀఀഀ฀܀؀਀ЀĀ܀଀ԀऀḀഀ,,
ጀᘀ
ጀጀ
ጀᘀ
ጀጀ
ᜀက
ကᄀ
Āᤀऀ̀଀܀Ā-଀ԀԀЀऀ܀
᠀ࠀऀĀᬀࠀऀ
ༀ᐀
ༀ᐀
ༀ᐀
ༀ᐀
ᜀ(က
ༀ᐀
"
Ā.ഀḀ฀ഀ؀'Āࠀऀ̀଀܀Ā̀ഀ/ЀԀ
ༀᄀ
ༀᄀ
ༀᄀ
0
Ā1Ѐ؀2ĀࠀऀԀ଀ᨀ3Ā-଀ԀԀЀऀ܀
᠀ࠀऀĀऀഀᬀ
ᘀጀ
ᘀጀ
"
Ā4ࠀᨀЀĀ܀ࠀᬀЀĀࠀऀԀ଀ᨀ3
ༀ᐀
ༀ᐀
5ᨀ
Āἀ܀؀Ԁ܀Ḁ଀̀Ā܀ࠀᬀЀ
ᄀ᐀᐀
ᄀ᐀᐀
ᬀᨀ
Input Fuse
An internal fuse protects against damages in case of a failure. The fuse is not
user-accessible.
Model
Fuse type
Rating
Reference
24V
Bussmann
15A
BK1/MCRW15A
28V
Bussmann
15A
BK1/MCRW15A
48V
Bussmann
15A
BK1/MCRW15A
Input Transient Protection / Electromagnetic Compatibility (EMC)
A VDR (Voltage Dependent Resistor) added with the active input protection
and a common mode input filter form an effective protection against input
transients.
Input Reverse polarity Protection
A tranzorb diode placed internally across the input will cause the fuse to blow in
case of a reverse polarity .
Options Description
-55°C operation (T)
The thermal grade of internal Vicor converter and other components are chan-
ged to comply with such low ambiant temperature.
Conformal coating (V)
During manufacturing process , when V option is specified, components and
pcb are covered with an acrylic coating to address high level of ambiant
humidity application.
Heatsink option (H) for convection operation
With the H option , a 15mm heatsink with is added on the baseplate for convec-
tion or air forced operation . The overall height of the converter is then 30mm.
Waveforms
Typical values for PST2428-12120-12120-NN
Typical inrush current



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com