Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC358HA Datasheet(PDF) 5 Page - NEC

Part # UPC358HA
Description  LOW POWER DUAL OPERATIONAL AMPLIFIERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC358HA Datasheet(HTML) 5 Page - NEC

  UPC358HA Datasheet HTML 1Page - NEC UPC358HA Datasheet HTML 2Page - NEC UPC358HA Datasheet HTML 3Page - NEC UPC358HA Datasheet HTML 4Page - NEC UPC358HA Datasheet HTML 5Page - NEC UPC358HA Datasheet HTML 6Page - NEC UPC358HA Datasheet HTML 7Page - NEC UPC358HA Datasheet HTML 8Page - NEC UPC358HA Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
µPC358
5
SLEW RATE
–50
0.3
0.2
0.1
0
TA - Operating Ambient Temperature - ˚C
0
50
100
SR
–
SR
+
V
± = ±15 V
VO = ±10 V
100
50
30
20
10
0.5
0.3
0.2
0.1
0.05
0.03
0.02
0.01
OUTPUT SINK CURRENT LIMIT
+
–
VO
IO SINK
V+
V+/2
0.01
0.03 0.05
0.1
0.3 0.5
1
2
5
10
100
50
30
20
3
IO SINK - Output Sink Current - mA
5
3
2
1
V+ = +15 V
5
3
1
0
2
V+/2
V+
∆VO
IO SOURCE
+
–
V+ = +15 V
OUTPUT SOURCE CURRENT LIMIT
0.01
4
IO SOURSE - Output Source Current - mA
0.03 0.05
0.1
0.5
1
2
5
10
20
100
50
30
0.3
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com