Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMF4L Datasheet(PDF) 5 Page - Littelfuse

Part # SMF4L
Description  TVS Diodes Surface Mount ??400W
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SMF4L Datasheet(HTML) 5 Page - Littelfuse

  SMF4L Datasheet HTML 1Page - Littelfuse SMF4L Datasheet HTML 2Page - Littelfuse SMF4L Datasheet HTML 3Page - Littelfuse SMF4L Datasheet HTML 4Page - Littelfuse SMF4L Datasheet HTML 5Page - Littelfuse SMF4L Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TVS Diodes
Surface Mount – 400W > SMF4L Series
©2016 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 08/02/16
Physical Specifications
Case
SOD-123FL plastic over glass passivated
junction
Polarity
Color band denotes cathode except bipolar
Terminal
Matte tin-plated leads, solderable per
JESD22-B102
Environmental Specifications
High Temp. Storage
JESD22-A103
HTRB
JESD22-A108
Temperature Cycling
JESD22-A104
MSL
JEDEC-J-STD-020, Level 1
H3TRB
JESD22-A101
RSH
JESD22-A111
Soldering Parameters
Time (t)
Ts(min)
Ts(max)
TL
TP
ts
Preheat
tL
tp
Ramp-up
Critical Zone
TL to TP
Ramp-down
t 25˚C to Peak
25˚C
Reflow Condition
Lead–free assembly
Pre Heat
- Temperature Min (T
s(min))
150°C
- Temperature Max (T
s(max))
200°C
- Time (min to max) (t
s)
60 – 180 secs
Average ramp up rate (Liquidus Temp (T
A)
to peak
3°C/second max
T
S(max) to TA - Ramp-up Rate
3°C/second max
Reflow
- Temperature (T
A) (Liquidus)
217°C
- Time (min to max) (t
s)
60 – 150 seconds
Peak Temperature (T
P)
260+0/-5 °C
Time within 5°C of actual peak
Temperature (t
p)
20 – 40 seconds
Ramp-down Rate
6°C/second max
Time 25°C to peak Temperature (T
P)
8 minutes Max.
Do not exceed
260°C
Dimensions
- SOD-123FL Package
Dimensions
Millimeters
Inches
Min
Max
Min
Max
A
2.90
3.10
0.114
0.122
B
3.50
3.90
0.138
0.154
C
0.85
1.05
0.033
0.041
D
1.70
2.00
0.067
0.079
E
0.43
0.83
0.017
0.033
F
0.10
0.25
0.004
0.010
G
0.00
0.10
0.000
0.004
H
0.90
1.08
0.035
0.043
C
D
F
1.6 (0.062)
Mounting Pad Layout



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com