Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFP620F Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BFP620F
Description  Low Noise SiGe:C Bipolar RF Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP620F Datasheet(HTML) 6 Page - Infineon Technologies AG

  BFP620F Datasheet HTML 1Page - Infineon Technologies AG BFP620F Datasheet HTML 2Page - Infineon Technologies AG BFP620F Datasheet HTML 3Page - Infineon Technologies AG BFP620F Datasheet HTML 4Page - Infineon Technologies AG BFP620F Datasheet HTML 5Page - Infineon Technologies AG BFP620F Datasheet HTML 6Page - Infineon Technologies AG BFP620F Datasheet HTML 7Page - Infineon Technologies AG BFP620F Datasheet HTML 8Page - Infineon Technologies AG BFP620F Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
2013-09-09
6
BFP620F
Power gain Gma, Gms = ƒ (VCE)
IC = 50mA
f
= Parameter in GHz
0.2
0.6
1
1.4
1.8
V
2.6
VCE
-4
0
4
8
12
16
20
24
dB
30
0.9
1.8
2.4
3
4
5
6
Noise figure F
=
ƒ(IC)
VCE = 1.5V, ZS = ZSopt
0
10
20
30
40
50
60
70
80
0
0.5
1
1.5
2
2.5
3
f = 4GHz
f = 2.4GHz
f = 5GHz
f = 0.9GHz
f = 1.8GHz
f = 6GHz
f = 3GHz
I
c
[mA]
Noise figure F
=
ƒ(IC)
VCE = 1.5V, f = 1.8 GHz
0
10
20
30
40
50
60
70
80
0
0.5
1
1.5
2
2.5
3
I
c
[mA]
Z
S
= 50
Ω
Z
S
= Z
Sopt
Noise figure F
=
ƒ(f)
VCE = 1.5V, ZS = ZSopt
1
2
3
4
5
6
7
0
0.5
1
1.5
2
2.5
f [GHz]
I
C
= 50mA
I
C
= 5.0mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com