Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S25FS064S Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # S25FS064S
Description  64 Mbit (8 Mbyte), 1.8-V FS-S Flash
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FS064S Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button S25FS064S Datasheet HTML 17Page - Cypress Semiconductor S25FS064S Datasheet HTML 18Page - Cypress Semiconductor S25FS064S Datasheet HTML 19Page - Cypress Semiconductor S25FS064S Datasheet HTML 20Page - Cypress Semiconductor S25FS064S Datasheet HTML 21Page - Cypress Semiconductor S25FS064S Datasheet HTML 22Page - Cypress Semiconductor S25FS064S Datasheet HTML 23Page - Cypress Semiconductor S25FS064S Datasheet HTML 24Page - Cypress Semiconductor S25FS064S Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 147 page
background image
Document Number: 002-03631 Rev. *C
Page 21 of 147
S25FS064S
PRELIMINARY
there is at least one cycle of high impedance for turn around of the IO signals before the memory begins driving the DLP. When
there are more than 4 cycles of latency the memory does not drive the IO signals until the last four cycles of latency.
The next interface state following the last latency cycle is a DDR Single, or Quad Output Cycle, depending on the instruction.
4.3.20 DDR Quad Output Cycle — Memory to Host Transfer
The DDR Quad I/O Read command returns bits to the host on all the IO signals. Four bits are transferred on the rising edge of SCK
and four bits on the falling edge in each cycle. The host keeps CS# low.
The next interface state continues to be DDR Quad Output Cycle until the host returns CS# to high ending the command.
4.4
Configuration Register Effects on the Interface
The configuration register 2 volatile bits 3 to 0 (CR2V[3:0]) select the variable latency for all array read commands except Read,
RUID and Read SDFP (RSFDP). Read always has zero latency cycles. RSFDP always has 8 latency cycles. The variable latency is
also used in the OTPR, ECCRD, and RDAR commands.
The configuration register bit1 (CR1V[1]) selects whether Quad mode is enabled to switch WP# to IO2 function, RESET# to IO3
function, and thus allow Quad I/O Read and QPI mode commands. Quad mode must also be selected to allow DDR Quad I/O Read
commands.
4.5
Data Protection
Some basic protection against unintended changes to stored data are provided and controlled purely by the hardware design. These
are described below. Other software managed protection methods are discussed in the software section of this document.
4.5.1
Power-Up
When the core supply voltage is at or below the VDD (Low) voltage, the device is considered to be powered off. The device does not
react to external signals, and is prevented from performing any program or erase operation. Program and erase operations continue
to be prevented during the Power-on Reset (POR) because no command is accepted until the exit from POR to the Interface
Standby state.
4.5.2
Low Power
When VDD is less than VDD (Cut-off) the memory device will ignore commands to ensure that program and erase operations can not
start when the core supply voltage is out of the operating range.
4.5.3
Clock Pulse Count
The device verifies that all non-volatile memory and register data modifying commands consist of a clock pulse count that is a
multiple of eight bit transfers (byte boundary) before executing them. A command not ending on an 8 bit (byte) boundary is ignored
and no error status is set for the command.
4.5.4
Deep Power Down (DPD)
In DPD mode the device responds only to the Resume from DPD command (RES ABh). All other commands are ignored during
DPD mode, thereby protecting the memory from program and erase operations. If the IO3_RESET# function has been enabled
(CR2V[5]=1) or if RESET# is active, IO3_RESET# or RESET# going low will start a hardware reset and release the device from
DPD mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com