Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2588 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2588
Description  SIMPLE SWITCHER 5A Flyback Regulator with
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2588 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button LM2588 Datasheet HTML 17Page - National Semiconductor (TI) LM2588 Datasheet HTML 18Page - National Semiconductor (TI) LM2588 Datasheet HTML 19Page - National Semiconductor (TI) LM2588 Datasheet HTML 20Page - National Semiconductor (TI) LM2588 Datasheet HTML 21Page - National Semiconductor (TI) LM2588 Datasheet HTML 22Page - National Semiconductor (TI) LM2588 Datasheet HTML 23Page - National Semiconductor (TI) LM2588 Datasheet HTML 24Page - National Semiconductor (TI) LM2588 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
Typical Boost Regulator Applications
Figure 36 and 38 through 40 show four typical boost
applications — one fixed and three using the adjustable ver-
sion of the LM2588. Each drawing contains the part num-
ber(s) and manufacturer(s) for every component. For the
fixed 12V output application, the part numbers and manufac-
turers’ names for the inductor are listed in a table in
Figure
37. For applications with different output voltages, refer to
the
Switchers Made Simplesoftware.
Figure 37 contains a table of standard inductors, by part number and corresponding manufacturer, for the fixed output regulator
of
Figure 36.
DS012420-50
FIGURE 36. +5V to +12V Boost Regulator
Coilcraft (Note 20)
Pulse (Note 21)
Renco (Note 22)
Schott (Note 23)
R4793-A
PE-53900
RL-5472-5
67146520
Note 20: Coilcraft Inc.,:
Phone: (800) 322-2645
1102 Silver Lake Road, Cary, IL 60013:
Fax: (708) 639-1469
European Headquarters, 21 Napier Place:
Phone: +44 1236 730 595
Wardpark North, Cumbernauld, Scotland G68 0LL:
Fax: +44 1236 730 627
Note 21: Pulse Engineering Inc.,:
Phone: (619) 674-8100
12220 World Trade Drive, San Diego, CA 92128:
Fax: (619) 674-8262
European Headquarters, Dunmore Road:
Phone: +353 93 24 107
Tuam, Co. Galway, Ireland:
Fax: +353 93 24 459
Note 22: Renco Electronics Inc.,:
Phone: (800) 645-5828
60 Jeffryn Blvd. East, Deer Park, NY 11729:
Fax: (516) 586-5562
Note 23: Schott Corp.,:
Phone: (612) 475-1173
1000 Parkers Lane Road, Wayzata, MN 55391:
Fax: (612) 475-1786
FIGURE 37. Inductor Selection Table
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com