Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8TQ080 Datasheet(PDF) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # 8TQ080
Description  Redundant power subsystems
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

8TQ080 Datasheet(HTML) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  8TQ080 Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd 8TQ080 Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd 8TQ080 Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd 8TQ080 Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd 8TQ080 Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd 8TQ080 Datasheet HTML 6Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N0639, Rev. -
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
•
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
8TQ080 /S
8TQ100 /S
8TQ080/S/ 8TQ100/S
SCHOTTKY RECTIFIER
Applications:
•
Switching power supply
•
Redundant power subsystems
•
Converters
•
Free-Wheeling diodes
•
Reverse battery protection
Features:
•
150℃
TJ operation
•
High purity, high temperature epoxy encapsulation for enhanced mechanical strength and
moisture resistance
•
Low forward voltage drop
•
High frequency operation
•
Guard ring for enhanced ruggedness and long term reliability
•
This is a Pb − Free Device
•
All SMC parts are traceable to the wafer lot
•
Additional testing can be offered upon request
Mechanical Dimensions: In mm / Inches
TO-220AC
Case styles
8TQ…
TO-220AC
8TQ…S
D2PAK
Dimensions in
millimeters
Symbol
Min.
Typical
Max.
A
4.55
4.70
4.85
A1
1.17
1.27
1.37
A2
2.59
2.69
2.89
b
0.71
0.81
0.96
b1
1.27
c
0.36
0.38
0.61
D
14.64
14.94
15.24
D1
8.55
8.07
8.85
E
10.01
10.16
10.31
E1
9.98
10.18
10.38
e1
5.08
H1
6.04
6.24
6.44
L
13.00
13.86
14.08
L1
3.80
ΦP
3.74
3.84
4.04
Q
2.54
2.74
2.94
Θ1
5°
Θ2
4°
Θ3
4°


Similar Part No. - 8TQ080

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
8TQ080 VISHAY-8TQ080 Datasheet
121Kb / 6P
Schottky Rectifier, 8 A
19-Aug-08
logo
New Jersey Semi-Conduct...
8TQ080 NJSEMI-8TQ080 Datasheet
142Kb / 1P
Schottky Rectifiers
8TQ080 NJSEMI-8TQ080 Datasheet
59Kb / 1P
Schottky Rectifiers
8TQ080 NJSEMI-8TQ080 Datasheet
59Kb / 1P
Schottky Rectifiers
8TQ080 NJSEMI-8TQ080 Datasheet
59Kb / 1P
Schottky Rectifiers
More results

Similar Description - 8TQ080

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
NA-551 AXIOMTEK-NA-551 Datasheet
315Kb / 2P
Supports power redundant
logo
Advantech Co., Ltd.
1757000105G ADVANTECH-1757000105G Datasheet
1Mb / 3P
Redundant Power Supplies
1757000878 ADVANTECH-1757000878 Datasheet
1Mb / 3P
Redundant Power Supplies
1757001798 ADVANTECH-1757001798 Datasheet
1Mb / 3P
Redundant Power Supplies
1757001847 ADVANTECH-1757001847 Datasheet
1Mb / 3P
Redundant Power Supplies
1757003062 ADVANTECH-1757003062 Datasheet
1Mb / 3P
Redundant Power Supplies
1757003063 ADVANTECH-1757003063 Datasheet
1Mb / 3P
Redundant Power Supplies
logo
Sangdest Microelectroni...
20CJQ030 SMC-20CJQ030 Datasheet
169Kb / 5P
Redundant power subsystems
logo
Advantech Co., Ltd.
RPS-300ATX-ZE ADVANTECH-RPS-300ATX-ZE Datasheet
1Mb / 3P
Redundant Power Supplies
logo
Adlink Technology Inc.
CPCIS-ET1100 ADLINK-CPCIS-ET1100 Datasheet
211Kb / 2P
Redundant Power Supply
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com