Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA635 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2SA635
Description  isc Silicon PNP Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SA635 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SA635 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SA635 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
isc Silicon PNP Power Transistor
2SA635
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
V(BR)CBO
Collector-base breakdown voltage
IC=-100μA, IE=0
-60
V
V(BR)CEO
Collector-emitter breakdown voltage
IC=-1mA , IB=0
-60
V
V(BR)EBO
Emitter-base breakdown voltage
IE= -100μA, IC=0
-5
V
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC=-1.5A; IB= -0.15A
-1.0
V
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC=-2.0A; IB= -0.2A
-1.5
V
ICBO
collector cut-off current
VCB =-45 V,IE = 0
-0.1
uA
IEBO
Emitter Cutoff Current
VEB=-5V; IC=0
-0.1
uA
hFE-1
DC Current Gain
IC= -20mA ; VCE=- 5V
20
hFE-2
DC Current Gain
IC=-1.0A ; VCE= -5V
80
250



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com