Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC5016 Datasheet(PDF) 13 Page - Texas Instruments

Part # GC5016
Description  WIDEBAND QUAD DIGITAL DOWN CONVERTER/ UP CONVERTER
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC5016 Datasheet(HTML) 13 Page - Texas Instruments

Back Button GC5016 Datasheet HTML 9Page - Texas Instruments GC5016 Datasheet HTML 10Page - Texas Instruments GC5016 Datasheet HTML 11Page - Texas Instruments GC5016 Datasheet HTML 12Page - Texas Instruments GC5016 Datasheet HTML 13Page - Texas Instruments GC5016 Datasheet HTML 14Page - Texas Instruments GC5016 Datasheet HTML 15Page - Texas Instruments GC5016 Datasheet HTML 16Page - Texas Instruments GC5016 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 88 page
background image
GC5016
SLWS142G − JANUARY 2003 − REVISED NOVEMBER 2005
www.ti.com
13
13.2.3 Receive Interpolation
If the GC5016 CK rate divided by the input sample rate is an integer ratio, receive interpolation can be used (see
Figure 4). In this case, the chip can be programmed to insert 0−15 zeros (rinf_zpad) between input samples. This
effectively interpolates the signal up by rinf_zpad+1. The higher CK rate means the chip is operating faster, so the
PFIR has more multiplication operations available per sample. It also allows greater flexibility in selecting the output
sample rate since:
Fs_out=Fck / (cic_dec x fir_dec), where Fck=Fadc x (1+rinf_zpad).
One sample is registered while the data input on the other rinf_zpad clocks are zeroed. The user has control over
which sample is used through rinf_zpad_sync. The zpad selected sync encounters a two CK cycle delay, then loads
a counter. When the counter reaches the terminal count, it is reloaded and a data sample is kept. All other data
samples are zeroed. The sample occurring two plus (rinf_zpad + 1) clock cycles after the sync is used, while the other
samples are ignored. The sync input may be periodic in any multiple of (rinf_zpad+1) or may occur just once.
If I and Q are time multiplexed, then the sync should be coincident with the Q sample.,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com