Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WWBASE-BK Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # WWBASE-BK
Description  WorkWise Standing Desk Base, Electric Adjustable-Height, Black
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

WWBASE-BK Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  WWBASE-BK Datasheet HTML 1Page - Tripp Lite. All Rights Reserved WWBASE-BK Datasheet HTML 2Page - Tripp Lite. All Rights Reserved WWBASE-BK Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Control Handset
Digital readout displays height in inches
Up/down buttons adjust height with just a touch
Mounts beneath desk top
Width Adjusts to Fit a Variety of Desk Tops(Sold Separately)
Width adjusts from 42.5 to 72 in.
Base perfectly matches threaded mounting inserts on Tripp Lite WorkWise Desk Tops, including WWTOP48-BK, WWTOP48-ES, WWTOP60-BKC,
WWTOP60-ESC, WWTOP60-WHC, WWTOP72-BK and WWTOP72-ES
Durable Construction
Made of steel with a black powder-coated finish
Pre-installed leveling feet for stability on uneven floors
Meets ANSI/BIFMA X5.5-2014 standards
Maximum load capacity of 365 lb.
Assembles in less than 30 min.
Specifications
INPUT
Voltage Compatibility (VAC)
120
Input Frequency
60 Hz
PHYSICAL
Standing Desk Base Color
Black
Shipping Dimensions (hwd / in.)
9.2 x 41.5 x 10.4
Shipping Dimensions (hwd / cm)
23.37 x 105.41 x 26.42
Shipping Weight (lbs.)
67
Shipping Weight (kg)
30.39
Unit Dimensions (hwd / in.)
23.5-49 x 42.5-72 x 22.64
Unit Dimensions (hwd / cm)
59.69-124.46 x 107.95-182.88 x 57.51
Unit Weight (lbs.)
55
Unit Weight (kg)
24.95
Color
Black
Maximum Weight Capacity (lbs.)
365
Maximum Weight Capacity (kg)
166
CERTIFICATIONS
2 / 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com