Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WWBASE-GY Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # WWBASE-GY
Description  WorkWise Standing Desk Base, Electric Adjustable-Height, Gray
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

WWBASE-GY Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  WWBASE-GY Datasheet HTML 1Page - Tripp Lite. All Rights Reserved WWBASE-GY Datasheet HTML 2Page - Tripp Lite. All Rights Reserved WWBASE-GY Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
WorkWise Standing Desk Base, Electric
Adjustable-Height, Gray
MODEL NUMBER: WWBASE-GY
Description
Tripp Lite’s WWBASE-GY WorkWise™ Standing Desk Base lets you change the height of your workspace at the
touch of a button. The DC linear actuator motor lifts or lowers a desk top at a speed of 1.5 inches per second.
Base height adjusts from 23.5 to 49 inches in precise 0.1-inch increments for standing and sitting positions
perfectly customized for your comfort.
The included control handset mounts beneath a desk top and connects to the motor. It features buttons for
up/down movement and a digital readout that displays height in inches. You can create up to four convenient
preset positions, making it easy to instantly adjust the WWBASE-GY to the perfect height for you, as well as the
officemate who shares your workspace. You can also set upper and lower limits if you prefer a narrower range of
heights.
The WWBASE-GY is made of steel with a gray powder-coated finish. You can adjust its width between 42.5 and
72 inches to accommodate a variety of desk tops(sold separately). It perfectly matches the threaded mounting
inserts on Tripp Lite WorkWise Desk Tops, including WWTOP48-BK, WWTOP48-ES, WWTOP60-BKC,
WWTOP60-ESC, WWTOP60-WHC, WWTOP72-BK and WWTOP72-ES. Pre-installed leveling feet keep it
stable on uneven floors. Includes a 10-foot power cord with two-prong plug that connects to a 120V AC outlet. Meets ANSI/BIFMA X5.5-2014 standards.
Maximum load capacity of 365 pounds. Assembles in less than 30 minutes.
Features
Precise Electric Height Adjustment
Height adjusts in precise 0.1 in. increments from 23.5 to 49 in.
Powerful DC linear actuator motor moves base legs 1.5 in. per second
Create up to 4 convenient preset positions for one-touch adjustment
Set programmable upper and lower height limits
10 ft. power cord with two-prong plug connects to 120V AC outlet
Highlights
Steel construction with gray
powder-coated finish
Height adjusts in precise 0.1 in.
increments from 23.5 to 49 in.
Width adjusts to fit all WorkWise
Desk Tops (sold separately)
Create up to 4 convenient preset
positions
Electric motor adjusts height 1.5
in. per second
Package Includes
WWBASE-GY (Base Only)
Control box
Handset
(2) Legs
(2) Feet
(2) Frame ends
(2) Center rails
(2) Side brackets
(8) M6 x 10 screws
(16) M6 x 14 screws
(4) M6 x 35 screws
(7) M5 x 20 wood screws
(2) M5 x 16 wood screws
(10) Cable clips
Hex key, 4 mm
AC power cord w/NEMA 1-15
plug, 10 ft.
Male-to-female extension cable,
4.3 ft.
Owner’s manual
1 / 3


Similar Part No. - WWBASE-GY

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
WWBASE-BK TRIPPLITE-WWBASE-BK Datasheet
497Kb / 3P
WorkWise Standing Desk Base, Electric Adjustable-Height, Black
WWBASE-WH TRIPPLITE-WWBASE-WH Datasheet
492Kb / 3P
WorkWise Standing Desk Base, Electric Adjustable-Height, White
More results

Similar Description - WWBASE-GY

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
WWBASE-BK TRIPPLITE-WWBASE-BK Datasheet
497Kb / 3P
WorkWise Standing Desk Base, Electric Adjustable-Height, Black
WWBASE-WH TRIPPLITE-WWBASE-WH Datasheet
492Kb / 3P
WorkWise Standing Desk Base, Electric Adjustable-Height, White
WWSS1327CP TRIPPLITE-WWSS1327CP Datasheet
551Kb / 3P
WorkWise Standing Desk-Clamp Workstation, Single-Monitor
WWSSDC TRIPPLITE-WWSSDC Datasheet
552Kb / 2P
WorkWise Standing Desk-Clamp Workstation
WWTOP48-BK TRIPPLITE-WWTOP48-BK Datasheet
485Kb / 2P
WorkWise Standing Desk Top, 48 x 30 in., Black
WWTOP48-ES TRIPPLITE-WWTOP48-ES Datasheet
491Kb / 2P
WorkWise Standing Desk Top, 48 x 30 in., Espresso
WWTOP60-BKC TRIPPLITE-WWTOP60-BKC Datasheet
484Kb / 2P
WorkWise Standing Desk Top, 60 x 30 in., Black, Contoured
WWTOP72-BK TRIPPLITE-WWTOP72-BK Datasheet
484Kb / 2P
WorkWise Standing Desk Top, 72 x 30 in., Black
WWTOP72-ES TRIPPLITE-WWTOP72-ES Datasheet
490Kb / 2P
WorkWise Standing Desk Top, 72 x 30 in., Espresso
WWSSRC TRIPPLITE-WWSSRC Datasheet
164Kb / 2P
Mobile Standing Desk/Workstation on Wheels, Height Adjustable
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com