Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2591HV Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2591HV
Description  SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2591HV Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2591HV Datasheet HTML 1Page - National Semiconductor (TI) LM2591HV Datasheet HTML 2Page - National Semiconductor (TI) LM2591HV Datasheet HTML 3Page - National Semiconductor (TI) LM2591HV Datasheet HTML 4Page - National Semiconductor (TI) LM2591HV Datasheet HTML 5Page - National Semiconductor (TI) LM2591HV Datasheet HTML 6Page - National Semiconductor (TI) LM2591HV Datasheet HTML 7Page - National Semiconductor (TI) LM2591HV Datasheet HTML 8Page - National Semiconductor (TI) LM2591HV Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LM2591HV
SIMPLE SWITCHER®Power Converter 150 kHz 1A
Step-Down Voltage Regulator
General Description
The LM2591HV series of regulators are monolithic inte-
grated circuits that provide all the active functions for a
step-down (buck) switching regulator, capable of driving a
1A load with excellent line and load regulation. These de-
vices are available in fixed output voltages of 3.3V, 5V, and
an adjustable output version.
This series of switching regulators is similar to the
LM2590HV, but without some of the supervisory and perfor-
mance features of the latter.
Requiring a minimum number of external components, these
regulators are simple to use and include internal frequency
compensation†, improved line and load specifications and a
fixed-frequency oscillator.
The LM2591HV operates at a switching frequency of 150
kHz thus allowing smaller sized filter components than what
would be needed with lower frequency switching regulators.
Available in a standard 5-lead TO-220 package with several
different lead bend options, and a 5-lead TO-263 Surface
mount package.
Other features include a guaranteed ±4% tolerance on out-
put voltage under all conditions of input voltage and output
load conditions, and ±15% on the oscillator frequency. Ex-
ternal shutdown is included, featuring typically 90 µA
standby current. Self protection features include a two stage
current limit for the output switch and an over temperature
shutdown for complete protection under fault conditions.
Features
n
3.3V, 5V, and adjustable output versions
n
Adjustable version output voltage range, 1.2V to 57V
±4% max over line and load conditions
n
Guaranteed 1A output load current
n
Available in 5-pin TO-220 and TO-263 (surface mount)
Package
n
Input voltage range up to 60V
n
150 kHz fixed frequency internal oscillator
n
On/Off control
n
Low power standby mode, I
Q typically 90 µA
n
High Efficiency
n
Thermal shutdown and current limit protection
Applications
n
Simple high-efficiency step-down (buck) regulator
n
Efficient pre-regulator for linear regulators
n
On-card switching regulators
n
Positive to Negative converter
Note: † Patent Number 5,382,918.
Typical Application (Fixed Output Voltage Versions)
10129301
SIMPLE SWITCHER® and Switchers Made Simple® are registered trademarks of National Semiconductor Corporation.
July 2003
© 2003 National Semiconductor Corporation
DS101293
www.national.com


Similar Part No. - LM2591HV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2591HV TI-LM2591HV Datasheet
3Mb / 29P
LM2591HV SIMPLE SWITCHER Power onverter 150 kHz 1A Step-Down Voltage
LM2591HV TI1-LM2591HV Datasheet
3Mb / 31P
SIMPLE SWITCHER Power Converter Step-Down Voltage Regulator
logo
Guangdong Youtai Semico...
LM2591HV UMW-LM2591HV Datasheet
1Mb / 14P
1A Step-Down Voltage Regulator
LM2591HVS-12 UMW-LM2591HVS-12 Datasheet
1Mb / 14P
1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2591HVS-3.3 TI-LM2591HVS-3.3 Datasheet
3Mb / 29P
LM2591HV SIMPLE SWITCHER Power onverter 150 kHz 1A Step-Down Voltage
More results

Similar Description - LM2591HV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2590HV NSC-LM2590HV Datasheet
752Kb / 20P
SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
LM2592HV NSC-LM2592HV Datasheet
655Kb / 20P
SIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage Regulator
LM2594 NSC-LM2594 Datasheet
740Kb / 28P
SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2595 NSC-LM2595 Datasheet
935Kb / 29P
SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2596 NSC-LM2596 Datasheet
736Kb / 31P
SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
LM2598 NSC-LM2598 Datasheet
847Kb / 33P
SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
logo
Texas Instruments
LM2596SX-5.0 TI1-LM2596SX-5.0 Datasheet
4Mb / 42P
LM2596 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
LM2599SX-50 TI1-LM2599SX-50 Datasheet
2Mb / 44P
LM2599 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
LM2595 TI1-LM2595_13 Datasheet
3Mb / 41P
SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2593HV TI1-LM2593HV Datasheet
1Mb / 31P
SIMPLE SWITCHER Power Converter 150-kHz, 2-A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com