Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C310T-SC-2-R Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # C310T-SC-2-R
Description  3.6 mm x 10 mm Time-delay, axial lead ceramic tube fuses
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

C310T-SC-2-R Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  C310T-SC-2-R Datasheet HTML 1Page - List of Unclassifed Manufacturers C310T-SC-2-R Datasheet HTML 2Page - List of Unclassifed Manufacturers C310T-SC-2-R Datasheet HTML 3Page - List of Unclassifed Manufacturers C310T-SC-2-R Datasheet HTML 4Page - List of Unclassifed Manufacturers C310T-SC-2-R Datasheet HTML 5Page - List of Unclassifed Manufacturers C310T-SC-2-R Datasheet HTML 6Page - List of Unclassifed Manufacturers C310T-SC-2-R Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
Technical Data
10404
Effective March 2016
C310T-SC
3.6 mm x 10 mmTime-delay, axial lead ceramic tube fuses
www.eaton.com/elx
I2t vs. time curve
Time (s)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com