Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C310T-SC-2.5-R Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # C310T-SC-2.5-R
Description  3.6 mm x 10 mm Time-delay, axial lead ceramic tube fuses
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

C310T-SC-2.5-R Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  C310T-SC-2.5-R Datasheet HTML 1Page - List of Unclassifed Manufacturers C310T-SC-2.5-R Datasheet HTML 2Page - List of Unclassifed Manufacturers C310T-SC-2.5-R Datasheet HTML 3Page - List of Unclassifed Manufacturers C310T-SC-2.5-R Datasheet HTML 4Page - List of Unclassifed Manufacturers C310T-SC-2.5-R Datasheet HTML 5Page - List of Unclassifed Manufacturers C310T-SC-2.5-R Datasheet HTML 6Page - List of Unclassifed Manufacturers C310T-SC-2.5-R Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Technical Data
10404
Effective March 2016
C310T-SC
3.6 mm x 10 mmTime-delay, axial lead ceramic tube fuses
www.eaton.com/elx
Electrical characteristics
l
n
1.5l
n
min
minute
2.1l
n
max
minute
2.75l
n
min
ms
max
s
4l
n
min
ms
max
s
10l
n
min
ms
max
ms
2A- 6.3A
60
2
400
10
150
3
20
150
l
n
1.5l
n
min
minute
3l
n
min
ms
max
s
10l
n
min
ms
max
ms
8A
60
400
10
20
150
Product specifications
Part number1
Current
rating
(A)
Voltage
rating
(V
AC)
Interuppting
rating at
rated volt-
age (A)
Typical
DC cold
resistance
(mΩ )
Typical
melting
l2t (A2s)
Maximum
voltage
drop
(mV)
Part marking:
engraved on
end cap
1st end
Part marking:
engraved on
end cap
2nd end
cURus
KC
CQC
TUV
VDE
C310T-SC-2-R
2
250
35
26.5
12
100
T2A L 250V
BUSS C310T-SC
x
x
x
x
x
C310T-SC-2.5-R
2.5
250
35
19.5
18.5
100
T2.5A L 250V
BUSS C310T-SC
x
x
x
x
x
C310T-SC-3.15-R
3.15
250
35
14.7
38
100
T3.15A L 250V
BUSS C310T-SC
x
x
x
x
x
C310T-SC-4-R
4
250
40
10.6
58
100
T4A L 250V
BUSS C310T-SC
x
x
x
x
x
C310T-SC-5-R
5
250
50
7.3
57.5
100
T5A L 250V
BUSS C310T-SC
x
x
x
x
x
C310T-SC-6.3-R
6.3
250
63
7.1
123
100
T6.3A L 250V
BUSS C310T-SC
x
x
x
x
x
C310T-SC-8-R
8
250
80
3.7
200
80
T8A L 250V
BUSS C310T-SC
x
Dimensions–mm
1. Part Number Definition: C310T-SCxxx-R
C310T = Product code
SC = Single cap
xxx = Ampere rating
-R suffix = RoHS compliant



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com