Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C310T-SC-3.15-R Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # C310T-SC-3.15-R
Description  3.6 mm x 10 mm Time-delay, axial lead ceramic tube fuses
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

C310T-SC-3.15-R Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  C310T-SC-3.15-R Datasheet HTML 1Page - List of Unclassifed Manufacturers C310T-SC-3.15-R Datasheet HTML 2Page - List of Unclassifed Manufacturers C310T-SC-3.15-R Datasheet HTML 3Page - List of Unclassifed Manufacturers C310T-SC-3.15-R Datasheet HTML 4Page - List of Unclassifed Manufacturers C310T-SC-3.15-R Datasheet HTML 5Page - List of Unclassifed Manufacturers C310T-SC-3.15-R Datasheet HTML 6Page - List of Unclassifed Manufacturers C310T-SC-3.15-R Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
Technical Data
10404
Effective March 2016
C310T-SC
3.6 mm x 10 mmTime-delay, axial lead ceramic tube fuses
www.eaton.com/elx
Temperature derating curve
Environmental data
Operating temperature: -55 °C to +125 °C (with derating)
Thermal shock: MIL-STD- 202G, Method 107G, test condition B (5 cycles -65 °C to +125 °C)
Vibration: MIL-STD- 202G, Method 201A
Humidity: MIL-STD- 202G, Method 103B, test condition A
Salt spray: MIL-STD- 202G, Method 101D, Test condition B
Ordering codes
The ordering code is the part number replacing the “.” with a “-” plus adding the packaging suffix.
Packaging suffixes
• -TR1 (1500 parts per 10” diameter reel, tape width 60 mm)
• -TR2 (1500 parts per 10” diameter reel, tape width 52 mm)
Ordering codes
Part number
-TR1 option
-TR2 option
C310T-SC-2-R
C310T-SC-2-R-TR1
C310T-SC-2-R-TR2
C310T-SC-2.5-R
C310T-SC-2-5-R-TR1
C310T-SC-2-5-R-TR2
C310T-SC-3.15-R
C310T-SC-3-15-R-TR1
C310T-SC-3-15-R-TR2
C310T-SC-4-R
C310T-SC-4-R-TR1
C310T-SC-4-R-TR2
C310T-SC-5-R
C310T-SC-5-R-TR1
C310T-SC-5-R-TR2
C310T-SC-6.3-R
C310T-SC-6-3-R-TR1
C310T-SC-6-3-R-TR2
C310T-SC-8-R
C310T-SC-8-R-TR1
C310T-SC-8-R-TR2
Temperature in Degrees C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com