Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C310T-SC-4-R Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # C310T-SC-4-R
Description  3.6 mm x 10 mm Time-delay, axial lead ceramic tube fuses
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

C310T-SC-4-R Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  C310T-SC-4-R Datasheet HTML 1Page - List of Unclassifed Manufacturers C310T-SC-4-R Datasheet HTML 2Page - List of Unclassifed Manufacturers C310T-SC-4-R Datasheet HTML 3Page - List of Unclassifed Manufacturers C310T-SC-4-R Datasheet HTML 4Page - List of Unclassifed Manufacturers C310T-SC-4-R Datasheet HTML 5Page - List of Unclassifed Manufacturers C310T-SC-4-R Datasheet HTML 6Page - List of Unclassifed Manufacturers C310T-SC-4-R Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Technical Data 10404
Effective March 2016
Product description
•
Time-delay
•
Designed to IEC60127-3
•
Nickel-plated brass single end cap construction
•
3.6 mm x 10 mm compact design utilizes less
board space
•
Halogen free, lead free, RoHS compliant
Applications
Primary circuit protection:
•
Power supplies
•
LED and general lighting
•
Consumer electronics
•
Desktop, laptop and notebook
•
Test equipment
Agency information
•
cURus Recognition file number: E19180,
Guide JDYX2/JDYX8
•
CQC: 13012103410, 12012086705
•
KC-Mark: File SU05011-13001, SU05030-13006
•
TUV: J50247281, J50235242
•
VDE: 40036716
Ordering
•
Use ordering number (see page 6 for details)
Packaging suffixes
•
-TR1 (1500 parts per 10” diameter reel,
tape width 60 mm)
•
-TR2 (1500 parts per 10” diameter reel,
tape width 52 mm)
C310T-SC
3.6 mm x 10 mm Time-delay, axial lead ceramic tube fuses
Pb
HALOGEN
HF
FREE


Similar Part No. - C310T-SC-4-R

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
C310T-SC-4-R EATON-C310T-SC-4-R Datasheet
778Kb / 7P
3.6 mm x 10 mm Time-delay, axial lead ceramic tube fuses
C310T-SC-4-R-TR1 EATON-C310T-SC-4-R-TR1 Datasheet
778Kb / 7P
3.6 mm x 10 mm Time-delay, axial lead ceramic tube fuses
C310T-SC-4-R-TR2 EATON-C310T-SC-4-R-TR2 Datasheet
778Kb / 7P
3.6 mm x 10 mm Time-delay, axial lead ceramic tube fuses
More results

Similar Description - C310T-SC-4-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
S505SCH-3.15-R COOPER-S505SCH-3.15-R Datasheet
1Mb / 7P
5 x 20 mm Time-delay, high I2t, axial lead, ceramic tube fuses
logo
Eaton All Rights Reserv...
C310FC EATON-C310FC Datasheet
748Kb / 2P
3.6 mm x 10 mm Fast-acting, axial-leaded ceramic tube fuses
C515 EATON-C515 Datasheet
216Kb / 2P
5 mm x 15 mm Axial-leaded, time-delay, glass tube fuses
GMD EATON-GMD Datasheet
2Mb / 2P
5 mm x 20 mm Time-delay glass tube fuses
C310FH EATON-C310FH Datasheet
371Kb / 5P
3.1 mm x 10 mm Fast-acting, axial lead ceramic tube fuses
C310T-SC EATON-C310T-SC Datasheet
778Kb / 7P
3.6 mm x 10 mm Time-delay, axial lead ceramic tube fuses
S505 EATON-S505 Datasheet
510Kb / 4P
5 mm x 20 mm, Ferrule time-delay, ceramic tube fuses
S505SC EATON-S505SC Datasheet
1Mb / 6P
5 x 20 mm Time-delay, axial lead ceramic tube fuses
S505SCH EATON-S505SCH Datasheet
1Mb / 7P
5 x 20 mm Time-delay, high I2t, axial lead, ceramic tube fuses
S506 EATON-S506 Datasheet
489Kb / 2P
5 mm x 20 mm Time-delay glass tube fuses
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com