Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

31DF6 Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part # 31DF6
Description  FRD - LOW POWER LOSS, HIGH EFFICIENCY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

31DF6 Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

  31DF6 Datasheet HTML 1Page - Nihon Inter Electronics Corporation 31DF6 Datasheet HTML 2Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
OUTLINE DRAWING
Maximum Ratings
Apporox Net Weight:1.19g
Rating
Symbol
31DF6
Unit
Repetitive Peak Reverse Voltage
VRRM
600
V
1.2
Ta=29
°C ∗1
Average Rectified Output Current
IO
3.0
Tl=109
°C Tl:Lead
Temperature
50Hz Half Sine
Wave Resistive Load
A
RMS Forward Current
IF(RMS)
4.71
A
Surge Forward Current
IFSM
45
50Hz Half Sine Wave,1cycle,
Non-repetitive
A
Operating JunctionTemperature Range
Tjw
- 40 to + 150
°C
Storage Temperature Range
Tstg
- 40 to + 150
°C
Electrical/Thermal
• Characteristics
Characteristics
Symbol
Conditions
Min. Typ. Max.
Unit
Peak Reverse Current
IRM
Tj= 25
°C, VRM= VRRM
-
-
20
µA
Peak Forward Voltage
VFM
Tj= 25
°C, IFM= 3 A
-
-
1.7
V
Reverse Recovery Time
trr
Ta= 25
°C, IFM=3 A –di/dt=50A/µs
35
ns
Rth(j-a) Junction to Ambient
∗1:Without Fin.
80
Thermal Resistance
Rth(j-l) Junction to Lead
-
-
8
°C/W
∗1: Without Fin or P.C. Board
FRD
Type
Type
Type
Type
: 31
31
31
31DF6
DF6
DF6
DF6
FEATURES
* Ultra – Fast Recovery
* Low Forward Voltage Drop
* Low Power Loss, High Efficiency
* High Surge Capability
* 200 Volts thru 600 Volts Types Available


Similar Part No. - 31DF6

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
31DF6 TSC-31DF6 Datasheet
62Kb / 2P
3.0 AMPS. Ultra Fast Recovery Rectifiers
31DF6 TSC-31DF6 Datasheet
271Kb / 2P
3.0 AMPS. Super Fast Rectifiers
logo
Galaxy Semi-Conductor H...
31DF6 BILIN-31DF6 Datasheet
61Kb / 2P
SUPER FAST RECTIFIERS
logo
Taiwan Semiconductor Co...
31DF6 TSC-31DF6 Datasheet
528Kb / 2P
3.0 AMPS. Super Fast Rectifiers
logo
Shenzhen Luguang Electr...
31DF6 LUGUANG-31DF6 Datasheet
183Kb / 2P
3.0 AMP. Super Fast Rectifiers
More results

Similar Description - 31DF6

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
EC11FS2 NIEC-EC11FS2 Datasheet
30Kb / 2P
FRD LOW POWER LOSS, HIGH EFFICIENCY
EC8FS6 NIEC-EC8FS6 Datasheet
169Kb / 5P
FRD - Low Power Loss, High Efficiency
EA21FC4-F NIEC-EA21FC4-F Datasheet
32Kb / 2P
FRD - low Power Loss
EA21FC4 NIEC-EA21FC4 Datasheet
43Kb / 5P
FRD - Low Power Loss
EA31FS2 NIEC-EA31FS2 Datasheet
44Kb / 5P
FRD - Low Power Loss
EA31FS2-F NIEC-EA31FS2-F Datasheet
51Kb / 5P
FRD - Low Power Loss
EA31FS4-F NIEC-EA31FS4-F Datasheet
51Kb / 5P
FRD - Low Power Loss
EA31FS6-F NIEC-EA31FS6-F Datasheet
51Kb / 5P
FRD - Low Power Loss
EA61FC4 NIEC-EA61FC4 Datasheet
42Kb / 5P
FRD - Low Power Loss
EA61FC6 NIEC-EA61FC6 Datasheet
42Kb / 5P
FRD - Low Power Loss
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com