Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

63CPQ080 Datasheet(PDF) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # 63CPQ080
Description  High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

63CPQ080 Datasheet(HTML) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  63CPQ080 Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd 63CPQ080 Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd 63CPQ080 Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd 63CPQ080 Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd 63CPQ080 Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N0208, Rev. A
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
•
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
63CPQ080
63CPQ100
63CPQ080/63CPQ100 SCHOTTKY RECTIFIER
Applications:
•
Switching power supply
•
Converters
•
Free-Wheeling diodes
•
Reverse battery protection
Features:
•
150
°C TJ operation
•
Center tap TO-247AD package
•
Low forward voltage drop
•
High purity, high temperature epoxy encapsulation for enhanced mechanical strength and
moisture resistance
•
High frequency operation
•
Guard ring for enhanced ruggedness and long term reliability
•
Green Products in Compliance with the RoHS Directive
•
This is a Pb − Free Device
•
All SMC parts are traceable to the wafer lot
•
Additional testing can be offered upon request
Mechanical Dimensions: In mm
TO-247AD
TO-247AD(HD)
SYMBOL
MIN.
TYP.
MAX.
A
4.80
5.00
5.20
A1
2.21
2.41
2.61
A2
1.90
2.00
2.10
b
1.10
1.20
1.35
b1
2.00
b2
3.00
c
0.55
0.60
0.75
D
20.80
21.00
21.20
D1
16.55
D2
1.20
E
15.60
15.80
16.00
E1
13.30
E2
5.00
E3
2.50
e
5.44
L
19.42
19.92
20.42
L1
4.13
P
3.50
3.60
3.70
P1
7.40
P2
2.50
Q
5.80
S
6.05
6.15
6.25
T
10.00
U
6.20


Similar Part No. - 63CPQ080

ManufacturerPart #DatasheetDescription
logo
SMC Diode Solutions Co....
63CPQ080 SMCDIODE-63CPQ080 Datasheet
525Kb / 4P
63CPQ080/63CPQ100 SCHOTTKY RECTIFIER
Rev. B
logo
Inchange Semiconductor ...
63CPQ080 ISC-63CPQ080 Datasheet
298Kb / 2P
Schottky Rectifier
More results

Similar Description - 63CPQ080

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
40CPQ015 SMC-40CPQ015 Datasheet
129Kb / 4P
High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance
MBR2035 SMC-MBR2035 Datasheet
170Kb / 6P
High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance
MBR2535 SMC-MBR2535 Datasheet
204Kb / 6P
High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance
MBRB10200CT SMC-MBRB10200CT Datasheet
262Kb / 7P
High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance
87CNQ020 SMC-87CNQ020 Datasheet
227Kb / 5P
High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance
183NQ-1 SMC-183NQ-1 Datasheet
184Kb / 4P
High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance
301CNQ SMC-301CNQ Datasheet
206Kb / 4P
High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance
303CNQ SMC-303CNQ Datasheet
211Kb / 4P
High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance
303DMQ600 SMC-303DMQ600 Datasheet
174Kb / 3P
High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance
400CMQ SMC-400CMQ Datasheet
210Kb / 4P
High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com