Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B5817W Datasheet(PDF) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # B5817W
Description  For use in low voltage, high frequency inverters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

B5817W Datasheet(HTML) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  B5817W Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd B5817W Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd B5817W Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd B5817W Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Technical Data
Green Products
Data Sheet N1752, Rev. -
• China - Germany - Korea - Singapore - United States •
• http://www.smc-diodes.com - sales@ smc-diodes.com •
B5817W-B5819W
Ordering Information:
Device
Package
Shipping
B5817W-5819W
SOD-123(Pb-Free)
3000pcs / reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specification.
Maximum Ratings @TA=25°C unless otherwise specified
Parameter
Symbol
B5817W
B5818W
B5819W
Unit
Non-Repetitive Peak Reverse Voltage
VRM
20
30
40
Peak Repetitive Reverse Voltage
VRRM
20
30
40
V
Working Peak Reverse Voltage
VRWM
DC Blocking Voltage
VR
RMS Reverse Voltage
VR(RMS)
14
21
28
V
Average Rectified Output Current
IO
1
A
Non-repetitive Peak Forward
Surge Current @t=8.3ms
IFSM
9
A
Repetitive Peak Forward Current
IFRM
1.5
A
Power Dissipation
PD
500
mW
Thermal Resistance from Junction to
Ambient
RΘJA
200
°C/W
Junction Temperature
Tj
125
°C
Storage Temperature
Tstg
-55~+150
°C
Electrical Characteristics @TA=25°C unless otherwise specified
Parameter
Symbol
Test conditions
Min
Max
Unit
Reverse breakdown voltage
V(BR)
IR=1mA
B5817W
B5818W
B5819W
20
30
40
-
-
-
V
Reverse voltage leakage current
IR
VR=20V
B5817W
VR=30V
B5818W
VR=40V
B5819W
-
1
mA
Forward voltage
VF
B5817W
IF=1A
IF=3A
-
0.45
0.75
V
B5818W
IF=1A
IF=3A
-
0.55
0.875
B5819W
IF=1A
IF=3A
-
0.60
0.90
Diode capacitance
CD
VR=4V, f=1MHz
-
120
pF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com