Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IM801B Datasheet(PDF) 2 Page - MMD Components

Part # IM801B
Description  MEMS Oscillator, Low Power, LVCMOS/HCMOS Compatible, 1.000 MHz to 110.000 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

IM801B Datasheet(HTML) 2 Page - MMD Components

  IM801B Datasheet HTML 1Page - MMD Components IM801B Datasheet HTML 2Page - MMD Components IM801B Datasheet HTML 3Page - MMD Components IM801B Datasheet HTML 4Page - MMD Components IM801B Datasheet HTML 5Page - MMD Components IM801B Datasheet HTML 6Page - MMD Components IM801B Datasheet HTML 7Page - MMD Components IM801B Datasheet HTML 8Page - MMD Components IM801B Datasheet HTML 9Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MEMS Oscillator, Low Power, LVCMOS/HCMOS Compatible, 1.000 MHz to 110.000 MHz
IM801 Series
ILSI America Phone 775-851-8880 ● Fax 775-851-8882 ●email: e-mail@ilsiamerica.com ●
www.ilsiamerica.com
Specifications subject to change without notice
Rev: 01/30/16_A
Page 2 of 9
Ordering Information:
Part Number Guide
Packages
Input Voltage
Operating Temperature
Output Drive
Strength
Stability
(ppm)
Select Function
Frequency
IM801B – 5.0 x 3.2
IM801C – 3.2 x 2.5
IM801D – 2.5 x 2.0
IM801E – 2.0 x 1.6
1 = +1.8 V
6 = +2.5 V
2 = +2.8 V
7 = +3.0 V
3 = +3.3 V
1 = 0ºC to +70ºC
2 = -40ºC to +85ºC
3 = -20ºC to +70ºC
- = Default
(see tables 2
through 6)
F = ±20
A = ±25
B = ±50
H = Tri-State
S = Standby
O = N/C
-
Frequency
Sample Part Number: IM801C-62-FS-20.0000MHz
This 20.0000 MHz oscillator in a 3.2 x 2.5 package with stability ±20 ppm from -40ºC to +85ºC using a supply voltage of +2.5 V. The Output Drive
Strength (Rise and Fall Time) is the default value 1.0 nSec per Table 3 with 15 pF load. With Pin 1 function as Standby
Sample Part Number: IM801D-71RAO-66.0000MHz
This 66.0000 MHz oscillator in a 2.5 x 2.0 package with stability ±25 ppm from 0ºC to +70ºC using a supply voltage of +3.0 V. The Output Drive
Strength (Rise and Fall Time) is the R drive strength is 4.54 nSec per Table 5 with 30 pF load. With Pin 1 function is not connected
Notes:
Not all options are available at all frequencies and temperatures ranges.
Please consult with sales department for any other parameters or options.
Oscillator specification subject to change without notice.
Test Circuit
Waveform



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com