Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IM811D Datasheet(PDF) 2 Page - MMD Components

Part # IM811D
Description  MEMS Oscillator, Ultra Performance, High Freq., LVCMOS/ HCMOS Compatible, 80.0 MHz to 220.0MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

IM811D Datasheet(HTML) 2 Page - MMD Components

  IM811D Datasheet HTML 1Page - MMD Components IM811D Datasheet HTML 2Page - MMD Components IM811D Datasheet HTML 3Page - MMD Components IM811D Datasheet HTML 4Page - MMD Components IM811D Datasheet HTML 5Page - MMD Components IM811D Datasheet HTML 6Page - MMD Components IM811D Datasheet HTML 7Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MEMS Oscillator, Ultra Performance, High Freq., LVCMOS/ HCMOS Compatible, 80.0 MHz to 220.0MHz
IM811 Series
ILSI America Phone 775-851-8880 ● Fax 775-851-8882 ●email: e-mail@ilsiamerica.com ●
www.ilsiamerica.com
Specifications subject to change without notice
Rev: 01/30/16_A
Page 2 of 7
Ordering Information:
Part Number Guide
Packages
Input Voltage
Operating
Temperature
Output Drive
Strength
Stability
(ppm)
Select Function
Frequency
IM811B – 5.0 x 3.2
IM811C – 3.2 x 2.5
IM811D – 2.5 x 2.0
1 = +1.8 V
6 = +2.5 V
2 = +2.7 V
7 = +3.0 V
3 = +3.3 V
1 = 0ºC to +70ºC
2 = -40ºC to +85ºC
3 = -20ºC to +70ºC
-
= Default
E = ±10
F = ±20
A = ±25
B = ±50
H = Tri-state
S = Standby
-
Frequency
Sample Part Number: IM811C-31-FS-100.0000MHz
This 100.0000 MHz oscillator in a 3.2 x 2.5 package with stability ±20 ppm from 0ºC to +70ºC using a supply voltage of +3.3 V. With Pin 1 function as
Standby. Output Drive Strength is only set to the default level.
Sample Part Number: IM811D-13-AH-125.0000MHz
This 125.0000 MHz oscillator in a 2.5 x 2.0 package with stability ±25 ppm from -20ºC to +70ºC using a supply voltage of +1.8 V. With Pin 1 function as
Tri-state. Output Drive Strength is only set to the default level.
Notes:
Not all options are available at all frequencies and temperatures ranges.
Please consult with sales department for any other parameters or options.
Oscillator specification subject to change without notice.
Phase Noise:
Figure 1: Phase Noise, 156.25 MHz, +3.3 V LVCMOS Output



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com