Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IM840B Datasheet(PDF) 2 Page - MMD Components

Part # IM840B
Description  Mems Oscillator, High Performance Differential Oscillator, LVPECL and LVDS 1.000 MHz to 220.000MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

IM840B Datasheet(HTML) 2 Page - MMD Components

  IM840B Datasheet HTML 1Page - MMD Components IM840B Datasheet HTML 2Page - MMD Components IM840B Datasheet HTML 3Page - MMD Components IM840B Datasheet HTML 4Page - MMD Components IM840B Datasheet HTML 5Page - MMD Components IM840B Datasheet HTML 6Page - MMD Components IM840B Datasheet HTML 7Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Mems Oscillator, High Performance Differential Oscillator, LVPECL and LVDS 1.000 MHz to 220.000MHz
IM840 Series
ILSI America Phone 775-851-8880 ● Fax 775-851-8882 ●email: e-mail@ilsiamerica.com ●
www.ilsiamerica.com
Specifications subject to change without notice
Rev 02/15/16_A
Page 2 of 7
Ordering Information:
Part Number Guide
Packages
Input
Voltage
Operating
Temperature
Stability
(ppm)
Output
Select Function
Frequency
IM840B – 5.0 x 3.2
IM840C – 3.2 x 2.5
1 = +1.8 V*
6 = +2.5 V
3 = +3.3 V
(see Notes)
1 = 0ºC to +70ºC
2 = -40ºC to +85ºC
3 = -20ºC to +70ºC
E = ±10
F = ±20
A = ±25
Z = ±30
B = ±50
8 = LVDS
9 = LVPECL
H = Tri-state
S = Standby
-
Frequency
Notes:
+1.8 V Supply Voltage (option 1) is for LVDS outputs only
Sample Part Number: IM840C-62F9S-100.0000MHz
This 100.0000 MHz oscillator in a 3.2 x 2.5 package with stability ±20 ppm from -40ºC to +85ºC using a supply voltage of +2.5 V. With an output
waveform of LCPECL and Pin 1 functioning as Standby
Sample Part Number: IM840B-13Z8H-150.0000MHz
This 150.0000 MHz oscillator in a 5.0 x 3.2 package with stability ±30 ppm from -20ºC to +70ºC using a supply voltage of +1.8 V. . With an output
waveform of LVDS and Pin 1 functioning as Tri-state.
Notes:
Not all options are available at all frequencies and temperatures ranges.
Please consult with sales department for any other parameters or options.
Oscillator specification subject to change without notice.
Absolute Maximum Limits
Storage Temperature
-65ºC to +150ºC
Supply Voltage (Vdd)
-0.5 VDC to 4.0 VDC
Electrostatic Discharge
2000 V max
Solder Temperature (follow standard Pb free soldering guidelines)
260ºC max
Junction Temperature
150ºC max



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com