Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IM840C Datasheet(PDF) 6 Page - MMD Components

Part # IM840C
Description  Mems Oscillator, High Performance Differential Oscillator, LVPECL and LVDS 1.000 MHz to 220.000MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

IM840C Datasheet(HTML) 6 Page - MMD Components

  IM840C Datasheet HTML 1Page - MMD Components IM840C Datasheet HTML 2Page - MMD Components IM840C Datasheet HTML 3Page - MMD Components IM840C Datasheet HTML 4Page - MMD Components IM840C Datasheet HTML 5Page - MMD Components IM840C Datasheet HTML 6Page - MMD Components IM840C Datasheet HTML 7Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Mems Oscillator, High Performance Differential Oscillator, LVPECL and LVDS 1.000 MHz to 220.000MHz
IM840 Series
ILSI America Phone 775-851-8880 ● Fax 775-851-8882 ●email: e-mail@ilsiamerica.com ●
www.ilsiamerica.com
Specifications subject to change without notice
Rev 02/15/16_A
Page 6 of 7
Mechanical Details:
Package Dimensions and Suggested Land Pattern
Marking
5.00 ±0.05
3.20 ±0.05
1.20
2.54
0.64
0.90
0.80 max
2.54
2.20
0.90
1.20
Bottom View
5
4
6
2
3
1
Option B: 5.00 x 3.20 Package
Suggested Land Pattern
1.00
3.20 ±0.05
2.50±0.05
0.90
2.20
0.60
0.70
0.80 max
2.25
1.60
1.05
Option C: 3.20 x 2.50 Package
Suggested Land Pattern
0.65
Marking
Marking
Line 1 = XXXXX (Lot code)
Dot to denote Pin 1 location
Package Information
Leadframe: C194
Plating: NiPdAu
Pin Functionally:
Pin
Symbol
Functionality
Pin Assignments
1
OE
Tri-state
High or Open = specified frequency output
Low = Output is high impedance, only output is disabled.
16
4
3
Top View
GND
Vdd
OUT+
OE
ST
2
5OUT-
N/C
ST
Standby
High or Open = specified frequency output.
Low = Output is low (weak pull down). Device goes to sleep
mode. Supply current reduces to standby current.
2
NC
NA
No Connection: Leave it floating or connected to GND for
better head dissipation
3
GND
Power
Vdd – Power Supply Ground
4
Out+
Output
Oscillator output
5
Out-
Output
Complementary Oscillator output
6
Vcc
Power
Power supply voltage
Notes:
1.
In OE or
ST mode, a pull-up resistor of 10.0 kΩ or less is recommended if Pin 1 is not
externally driven. If Pin 1 needs to be left floating, use the NC option.
2.
A capacitor of value 0.1 µF or higher between Pin 4 (Vcc) and Pin 1 (GND) is required.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com